Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 55Page - STMicroelectronics STM32F405RG Datasheet HTML 56Page - STMicroelectronics STM32F405RG Datasheet HTML 57Page - STMicroelectronics STM32F405RG Datasheet HTML 58Page - STMicroelectronics STM32F405RG Datasheet HTML 59Page - STMicroelectronics STM32F405RG Datasheet HTML 60Page - STMicroelectronics STM32F405RG Datasheet HTML 61Page - STMicroelectronics STM32F405RG Datasheet HTML 62Page - STMicroelectronics STM32F405RG Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
59/154
VBAT
Backup operating voltage
1.65
3.6
V
VCAP1
When the internal regulator is ON,
VCAP_1 and VCAP_2 pins are used to
connect a stabilization capacitor.
When the internal regulator is OFF
(BYPASS_REG connected to VDD),
VCAP_1 and VCAP_2 must be supplied
from 1.2 V.
1.1
1.3
V
VCAP2
PD
Power dissipation at TA = 85 °C for
suffix 6 or TA = 105 °C for suffix 7
(6)
LQFP64
-
TBD
mW
LQFP100
-
TBD
LQFP144
-
TBD
LQFP176
-
TBD
UFBGA176
-
TBD
TA
Ambient temperature for 6 suffix
version
Maximum power dissipation
–40
85
°C
Low power dissipation(7)
–40
105
Ambient temperature for 7 suffix
version
Maximum power dissipation
–40
105
°C
Low power dissipation(7)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125
1.
TBD stands for “to be defined”.
2.
If PDR_ON is set to VSS, this value can be lowered to 1.7 V when the device operates in a reduced temperature range (0 to
70 °C).
3.
When the ADC is used, refer to Table 64: ADC characteristics.
4.
If VREF+ pin is present, it must respect the following condition: VDDA-VREF+ < 1.2 V.
5.
It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and power-down operation.
6.
If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
7.
In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax.
Table 10.
General operating conditions(1) (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com