Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 76Page - STMicroelectronics STM32F405RG Datasheet HTML 77Page - STMicroelectronics STM32F405RG Datasheet HTML 78Page - STMicroelectronics STM32F405RG Datasheet HTML 79Page - STMicroelectronics STM32F405RG Datasheet HTML 80Page - STMicroelectronics STM32F405RG Datasheet HTML 81Page - STMicroelectronics STM32F405RG Datasheet HTML 82Page - STMicroelectronics STM32F405RG Datasheet HTML 83Page - STMicroelectronics STM32F405RG Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
80/154
Doc ID 022152 Rev 1
Jitter(5)
Master I2S clock jitter
Cycle to cycle at
12,343 MHz on
48KHz period,
N=432, P=4, R=5
RMS
-
90
-
peak
to
peak
-
±280
-
ps
Average frequency of
12,343 MHz
N=432, P=4, R=5
on 256 samples
TBD
-
TBD
ps
WS I2S clock jitter
Cycle to cycle at 48 KHz
on 1000 samples
-
400
-
ps
IDD(PLLI2S)
(6)
PLLI2S power consumption on
VDD
VCO freq = 192 MHz
VCO freq = 432 MHz
0.15
0.45
-
0.40
0.75
mA
IDDA(PLLI2S)
(6)
PLLI2S power consumption on
VDDA
VCO freq = 192 MHz
VCO freq = 432 MHz
0.30
0.55
-
0.40
0.85
mA
1.
TBD stands for “to be defined”.
2.
Take care of using the appropriate division factor M to have the specified PLL input clock values.
3.
Guaranteed by design, not tested in production.
4.
Maximum input PLL frequency is recommended for applications sensitive of long term jitter.
5.
Value given with main PLL running.
6.
Based on characterization, not tested in production.
Table 32.
PLLI2S (audio PLL) characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com