Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 56Page - STMicroelectronics STM32F405RG Datasheet HTML 57Page - STMicroelectronics STM32F405RG Datasheet HTML 58Page - STMicroelectronics STM32F405RG Datasheet HTML 59Page - STMicroelectronics STM32F405RG Datasheet HTML 60Page - STMicroelectronics STM32F405RG Datasheet HTML 61Page - STMicroelectronics STM32F405RG Datasheet HTML 62Page - STMicroelectronics STM32F405RG Datasheet HTML 63Page - STMicroelectronics STM32F405RG Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
60/154
Doc ID 022152 Rev 1
Table 11.
Limitations depending on the operating power supply range
Operating
power
supply
range
ADC
operation
Maximum
Flash
memory
access
frequency
(fFlashmax)
Number of wait
states at
maximum CPU
frequency(1)
I/O operation
FSMC
controller
operation
Possible
Flash
memory
operations
VDD =1.8 to
2.1 V(2)
Conversion
time up to
1.2 Msps
16 MHz with
no Flash
memory wait
state
TBD
– Degraded
speed
performance
– No I/O
compensation
up to 30 MHz
8-bit erase
and program
operations
only
VDD = 2.1 to
2.4 V
Conversion
time up to
1.2 Msps
18 MHz with
no Flash
memory wait
state
7(3)
– Degraded
speed
performance
– No I/O
compensation
up to 30 MHz
16-bit erase
and program
operations
VDD = 2.4 to
2.7 V
Conversion
time up to
2.4 Msps
24 MHz with
no Flash
memory wait
state
6(3)
– Degraded
speed
performance
– I/O
compensation
works
up to 48 MHz
16-bit erase
and program
operations
VDD = 2.7 to
3.6 V(4)
Conversion
time up to
2.4 Msps
30 MHz with
no Flash
memory wait
state
5(3)
– Full-speed
operation
– I/O
compensation
works
–up to
60 MHz
when VDD =
3.0 to 3.6 V
–up to
48 MHz
when VDD =
2.7 to 3.0 V
32-bit erase
and program
operations
1.
The number of wait states can be reduced by reducing the CPU frequency.
2.
If PDR_ON is set to VSS, this value can be lowered to 1.7 V when the device operates in a reduced temperature range (0 to
70 °C).
3.
Thanks to the ART accelerator and the 128-bit Flash memory, the number of wait states given here does not impact the
execution speed from Flash memory since the ART accelerator allows to achieve a performance equivalent to 0 wait state
program execution.
4.
The voltage range for OTG USB FS can drop down to 2.7 V. However it is degraded between 2.7 and 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com