Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 44Page - STMicroelectronics STM32F405RG Datasheet HTML 45Page - STMicroelectronics STM32F405RG Datasheet HTML 46Page - STMicroelectronics STM32F405RG Datasheet HTML 47Page - STMicroelectronics STM32F405RG Datasheet HTML 48Page - STMicroelectronics STM32F405RG Datasheet HTML 49Page - STMicroelectronics STM32F405RG Datasheet HTML 50Page - STMicroelectronics STM32F405RG Datasheet HTML 51Page - STMicroelectronics STM32F405RG Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 154 page
background image
Pinouts and pin description
STM32F405xx, STM32F407xx
48/154
Doc ID 022152 Rev 1
-
-
132
B7
160
PG15
FT
PG15
USART6_CTS / DCMI_D13
55
89
133
A10
161
PB3
FT
JTDO/
TRACESWO
JTDO/ TRACESWO/ SPI3_SCK / I2S3_CK / TIM2_CH2 /
SPI1_SCK
56
90
134
A9
162
PB4
FT
NJTRST
NJTRST/ SPI3_MISO / TIM3_CH1 / SPI1_MISO /
I2S3ext_SD
57
91
135
A6
163
PB5
FT
PB5
I2C1_SMBA/ CAN2_RX / OTG_HS_ULPI_D7 /
ETH_PPS_OUT/TIM3_CH2 / SPI1_MOSI/ SPI3_MOSI /
DCMI_D10 / I2S3_SD
58
92
136
B6
164
PB6
FT
PB6
I2C1_SCL/ TIM4_CH1 / CAN2_TX /OTG_FS_INTN /
DCMI_D5/USART1_TX
59
93
137
B5
165
PB7
FT
PB7
I2C1_SDA / FSMC_NL / DCMI_VSYNC / USART1_RX/
TIM4_CH2
60
94
138
D6
166
BOOT0
BOOT0
VPP
61
95
139
A5
167
PB8
FT
PB8
TIM4_CH3/SDIO_D4/ TIM10_CH1 / DCMI_D6 /
OTG_FS_SCL/ ETH_MII_TXD3 / I2C1_SCL/ CAN1_RX
62
96
140
B4
168
PB9
FT
PB9
SPI2_NSS/ I2S2_WS / TIM4_CH4/ TIM11_CH1/
OTG_FS_SDA/ SDIO_D5 / DCMI_D7 / I2C1_SDA /
CAN1_TX
-
97
141
A4
169
PE0
FT
PE0
TIM4_ETR / FSMC_NBL0 / DCMI_D2
-
98
142
A3
170
PE1
FT
PE1
FSMC_NBL1 / DCMI_D3
63
-
-
D5
-
VSS_3
VSS_3
-
99
143
C6
171
PDR_ON
PDR_ON
64
100
144
C5
172
VDD
VDD
-
-
-
D4
173
PI4
FT
PI4
TIM8_BKIN / DCMI_D5
-
-
-
C4
174
PI5
FT
PI5
TIM8_CH1 / DCMI_VSYNC
-
-
-
C3
175
PI6
FT
PI6
TIM8_CH2 / DCMI_D6
-
-
-
C2
176
PI7
FT
PI7
TIM8_CH3 / DCMI_D7
1.
Function availability depends on the chosen device.
2.
The functions in bold are remapped through peripheral registers.
3.
PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed should not exceed 2 MHz with a
maximum load of 30 pF and these I/Os must not be used as a current source (e.g. to drive an LED).
4.
Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F46x reference manual, available from the STMicroelectronics website:
www.st.com.
5.
FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
6.
If the device is delivered in an UFBGA176 and the BYPASS_REG pin is set to VDD (Regulator off/internal reset ON mode),
then PA0 is used as an internal Reset (active low).
Table 5.
STM32F40x pin and ball definitions (continued)
Pins
Pin name
Function(1) after
reset
Alternate functions(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com