Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 66Page - STMicroelectronics STM32F405RG Datasheet HTML 67Page - STMicroelectronics STM32F405RG Datasheet HTML 68Page - STMicroelectronics STM32F405RG Datasheet HTML 69Page - STMicroelectronics STM32F405RG Datasheet HTML 70Page - STMicroelectronics STM32F405RG Datasheet HTML 71Page - STMicroelectronics STM32F405RG Datasheet HTML 72Page - STMicroelectronics STM32F405RG Datasheet HTML 73Page - STMicroelectronics STM32F405RG Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
70/154
Doc ID 022152 Rev 1
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 23. The MCU is placed
under the following conditions:
●
At startup, all I/O pins are configured as analog pins by firmware.
●
All peripherals are disabled unless otherwise mentioned
●
The given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with one peripheral clocked on (with only the clock applied)
●
The code is running from Flash memory and the Flash memory access time is equal to
3 wait states at 120 MHz, 4 wait states at 144 MHz, and 5 wait states at 168 MHz.
●
Prefetch and Cache ON
●
When the peripherals are enabled, HCLK = 120/144/168 MHz, fPCLK1 = fHCLK/4, and
fPCLK2 =fHCLK/2
●
The typical values are obtained for VDD = 3.3 V and TA= 25 °C, unless otherwise
specified.
Table 23.
Peripheral current consumption(1)
Peripheral(2)
Typical consumption at 25 °C
Unit
AHB1
GPIO A
TBD
mA
GPIO B
TBD
GPIO C
TBD
GPIO D
TBD
GPIO E
TBD
GPIO F
TBD
GPIO G
TBD
GPIO H
TBD
GPIO I
TBD
OTG_HS + ULPI
TBD
CRC
TBD
BKPSRAM
TBD
DMA1
TBD
DMA2
TBD
ETH_MAC +
ETH_MAC_TX
ETH_MAC_RX
ETH_MAC_PTP
TBD
AHB2
OTG_FS
TBD
DCMI
TBD
AHB3
FSMC
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com