Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 85Page - STMicroelectronics STM32F405RG Datasheet HTML 86Page - STMicroelectronics STM32F405RG Datasheet HTML 87Page - STMicroelectronics STM32F405RG Datasheet HTML 88Page - STMicroelectronics STM32F405RG Datasheet HTML 89Page - STMicroelectronics STM32F405RG Datasheet HTML 90Page - STMicroelectronics STM32F405RG Datasheet HTML 91Page - STMicroelectronics STM32F405RG Datasheet HTML 92Page - STMicroelectronics STM32F405RG Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
89/154
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters.
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to
±8 mA, and sink or
source
±20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 5.2. In particular:
●
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
IVDD (see Table 8).
●
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
IVSS (see Table 8).
Output voltage levels
Unless otherwise specified, the parameters given in Table 44 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 10. All I/Os are CMOS and TTL compliant.
Table 44.
Output voltage characteristics(1)
1.
PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited
amount of current (3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed
should not exceed 2 MHz with a maximum load of 30 pF and these I/Os must not be used as a current
source (e.g. to drive an LED).
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(2)
2.
The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 8
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
TTL port
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH
(3)
3.
The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 8 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
VDD–0.4
-
VOL
(2)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
CMOS port
IIO =+ 8mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH
(3)
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
2.4
-
VOL
(2)(4)
4.
Based on characterization data, not tested in production.
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
IIO = +20 mA
2.7 V < VDD < 3.6 V
-1.3
V
VOH
(3)(4)
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
VDD–1.3
-
VOL
(2)(4)
Output low level voltage for an I/O pin
when 8 pins are sunk at same time
IIO = +6 mA
2 V < VDD < 2.7 V
-0.4
V
VOH
(3)(4)
Output high level voltage for an I/O pin
when 8 pins are sourced at same time
VDD–0.4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com