Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 7Page - STMicroelectronics STM32F405RG Datasheet HTML 8Page - STMicroelectronics STM32F405RG Datasheet HTML 9Page - STMicroelectronics STM32F405RG Datasheet HTML 10Page - STMicroelectronics STM32F405RG Datasheet HTML 11Page - STMicroelectronics STM32F405RG Datasheet HTML 12Page - STMicroelectronics STM32F405RG Datasheet HTML 13Page - STMicroelectronics STM32F405RG Datasheet HTML 14Page - STMicroelectronics STM32F405RG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
Table 2.
STM32F405xx and STM32F407xx: features and peripheral counts
Peripherals
STM32F405RG
STM32F405VG
STM32F405ZG
STM32F407Vx
STM32F407Zx
STM32F407Ix
Flash memory in Kbytes
1024
512
1024
512
1024
512
1024
SRAM in Kbytes
System
192(112+16+64)
Backup
4
FSMC memory controller
No
Yes
Ethernet
No
Yes
Timers
General-purpose
10
Advanced-
control
2
Basic
2
Random number generator
Yes
Communication
interfaces
SPI / I2S
3/2 (full duplex)
I2C
3
USART/UART
4/2
USB OTG FS
Yes
USB OTG HS
Yes
CAN
2
Camera interface
No
Yes
GPIOs
51
82
114
82
114
140
12-bit ADC
Number of channels
3
16
16
24
16
24
24
12-bit DAC
Number of channels
Yes
2
Maximum CPU frequency
168 MHz
Operating voltage
1.8 to 3.6 V(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com