Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 75Page - STMicroelectronics STM32F405RG Datasheet HTML 76Page - STMicroelectronics STM32F405RG Datasheet HTML 77Page - STMicroelectronics STM32F405RG Datasheet HTML 78Page - STMicroelectronics STM32F405RG Datasheet HTML 79Page - STMicroelectronics STM32F405RG Datasheet HTML 80Page - STMicroelectronics STM32F405RG Datasheet HTML 81Page - STMicroelectronics STM32F405RG Datasheet HTML 82Page - STMicroelectronics STM32F405RG Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
79/154
Jitter(4)
Cycle-to-cycle jitter
System clock
120 MHz
RMS
-
25
-
ps
peak
to
peak
-
±150
-
Period Jitter
RMS
-
15
-
peak
to
peak
-
±200
-
Main clock output (MCO) for
RMII Ethernet
Cycle to cycle at 50 MHz
on 1000 samples
-32
-
Main clock output (MCO) for MII
Ethernet
Cycle to cycle at 25 MHz
on 1000 samples
-40
-
Bit Time CAN jitter
Cycle to cycle at 1 MHz
on 1000 samples
-330
-
Main clock output (MCO) for
RMMI Ethernet
Long term Jitter, PLL
input=6.25MHz
-1.6
-
ns
IDD(PLL)
(5)
PLL power consumption on VDD
VCO freq = 192 MHz
VCO freq = 432 MHz
0.15
0.45
-
0.40
0.75
mA
IDDA(PLL)
(5)
PLL power consumption on
VDDA
VCO freq = 192 MHz
VCO freq = 432 MHz
0.30
0.55
-
0.40
0.85
mA
1.
Take care of using the appropriate division factor M to obtain the specified PLL input clock values. The M factor is shared
between PLL and PLLI2S.
2.
Guaranteed by design, not tested in production.
3.
Maximum input PLL frequency is recommended for applications sensitive of long term jitter.
4.
The use of 2 PLLs in parallel could degraded the Jitter up to +30%.
5.
Based on characterization, not tested in production.
Table 31.
Main PLL characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 32.
PLLI2S (audio PLL) characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLI2S_IN
PLLI2S input clock(2)
0.95(3)
12.0(4)
MHz
fPLLI2S_OUT
PLLI2S multiplier output clock
-
-
216
MHz
fVCO_OUT
PLLI2S VCO output
192
-
432
MHz
tLOCK
PLLI2S lock time
VCO freq = 192 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com