Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 69Page - STMicroelectronics STM32F405RG Datasheet HTML 70Page - STMicroelectronics STM32F405RG Datasheet HTML 71Page - STMicroelectronics STM32F405RG Datasheet HTML 72Page - STMicroelectronics STM32F405RG Datasheet HTML 73Page - STMicroelectronics STM32F405RG Datasheet HTML 74Page - STMicroelectronics STM32F405RG Datasheet HTML 75Page - STMicroelectronics STM32F405RG Datasheet HTML 76Page - STMicroelectronics STM32F405RG Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
73/154
5.3.8
External clock source characteristics
High-speed external user clock generated from an external source
The characteristics given in Table 25 result from tests performed using an high-speed
external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 10.
Low-speed external user clock generated from an external source
The characteristics given in Table 26 result from tests performed using an low-speed
external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 10.
Table 25.
High-speed external user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
External user clock source
frequency(1)
18
26
MHz
VHSEH
OSC_IN input pin high level voltage
0.7VDD
-VDD
V
VHSEL
OSC_IN input pin low level voltage
VSS
-0.3VDD
tw(HSE)
tw(HSE)
OSC_IN high or low time(1)
1.
Guaranteed by design, not tested in production.
5-
-
ns
tr(HSE)
tf(HSE)
OSC_IN rise or fall time(1)
--
20
Cin(HSE)
OSC_IN input capacitance(1)
-5
-
pF
DuCy(HSE) Duty cycle
45
-
55
%
IL
OSC_IN Input leakage current
VSS ≤ VIN ≤ VDD
--
±1
µA
Table 26.
Low-speed external user clock characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext
User External clock source
frequency(1)
-
32.768
1000
kHz
VLSEH
OSC32_IN input pin high level voltage
0.7VDD
-VDD
V
VLSEL
OSC32_IN input pin low level voltage
VSS
-0.3VDD
tw(LSE)
tf(LSE)
OSC32_IN high or low time(1)
450
-
-
ns
tr(LSE)
tf(LSE)
OSC32_IN rise or fall time(1)
--
50
Cin(LSE)
OSC32_IN input capacitance(1)
-TBD(2)
-pF
DuCy(LSE) Duty cycle
30
-
70
%
IL
OSC32_IN Input leakage current
VSS ≤ VIN ≤ VDD
--
±1
µA
1.
Guaranteed by design, not tested in production.
2.
TBD stands for “to be defined”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com