Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 74Page - STMicroelectronics STM32F405RG Datasheet HTML 75Page - STMicroelectronics STM32F405RG Datasheet HTML 76Page - STMicroelectronics STM32F405RG Datasheet HTML 77Page - STMicroelectronics STM32F405RG Datasheet HTML 78Page - STMicroelectronics STM32F405RG Datasheet HTML 79Page - STMicroelectronics STM32F405RG Datasheet HTML 80Page - STMicroelectronics STM32F405RG Datasheet HTML 81Page - STMicroelectronics STM32F405RG Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
78/154
Doc ID 022152 Rev 1
Figure 25.
ACCLSI versus temperature
5.3.10
PLL characteristics
The parameters given in Table 31 and Table 32 are derived from tests performed under
temperature and VDD supply voltage conditions summarized in Table 10.
Table 31.
Main PLL characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock(1)
0.95(2)
12.0(3)
MHz
fPLL_OUT
PLL multiplier output clock
24
-
168
MHz
fPLL48_OUT
48 MHz PLL multiplier output
clock
-48
-
MHz
fVCO_OUT
PLL VCO output
192
-
432
MHz
tLOCK
PLL lock time
VCO freq = 192 MHz
75
-
200
µs
VCO freq = 432 MHz
100
-
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com