Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 110Page - STMicroelectronics STM32F405RG Datasheet HTML 111Page - STMicroelectronics STM32F405RG Datasheet HTML 112Page - STMicroelectronics STM32F405RG Datasheet HTML 113Page - STMicroelectronics STM32F405RG Datasheet HTML 114Page - STMicroelectronics STM32F405RG Datasheet HTML 115Page - STMicroelectronics STM32F405RG Datasheet HTML 116Page - STMicroelectronics STM32F405RG Datasheet HTML 117Page - STMicroelectronics STM32F405RG Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
114/154
Doc ID 022152 Rev 1
INL(3)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on a
line drawn between Code 0
and last Code 1023)
--
±1
LSB
Given for the DAC in 10-bit
configuration.
--
±4
LSB
Given for the DAC in 12-bit
configuration.
Offset(3)
Offset error
(difference between
measured value at Code
(0x800) and the ideal value =
VREF+/2)
--
±10
mV
Given for the DAC in 12-bit
configuration
--
±3
LSB
Given for the DAC in 10-bit at
VREF+ = 3.6 V
--
±12
LSB
Given for the DAC in 12-bit at
VREF+ = 3.6 V
Gain
error(3)
Gain error
-
-
±0.5
%
Given for the DAC in 12-bit
configuration
tSETTLING
(3)
Settling time (full scale: for a
10-bit input code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value ±4LSB
-3
6
µs
CLOAD ≤ 50 pF,
RLOAD ≥ 5 kΩ
THD(3)
Total Harmonic Distortion
Buffer ON
--
-
dB
CLOAD ≤ 50 pF,
RLOAD ≥ 5 kΩ
Update
rate(2)
Max frequency for a correct
DAC_OUT change when
small variation in the input
code (from code i to i+1LSB)
--
1
MS/s
CLOAD ≤ 50 pF,
RLOAD ≥ 5 kΩ
tWAKEUP
(3)
Wakeup time from off state
(Setting the ENx bit in the
DAC Control register)
-6.5
10
µs
CLOAD ≤ 50 pF, RLOAD ≥ 5 kΩ
input code between lowest and
highest possible ones.
PSRR+ (2)
Power supply rejection ratio
(to VDDA) (static DC
measurement)
-
–67
–40
dB
No RLOAD, CLOAD = 50 pF
1.
If PDR_ON is set to VSS, this value can be lowered to 1.7 V when the device operates in a reduced temperature range (0 to
70 °C).
2.
Guaranteed by design, not tested in production.
3.
Guaranteed by characterization, not tested in production.
Table 69.
DAC characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com