Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 141Page - STMicroelectronics STM32F405RG Datasheet HTML 142Page - STMicroelectronics STM32F405RG Datasheet HTML 143Page - STMicroelectronics STM32F405RG Datasheet HTML 144Page - STMicroelectronics STM32F405RG Datasheet HTML 145Page - STMicroelectronics STM32F405RG Datasheet HTML 146Page - STMicroelectronics STM32F405RG Datasheet HTML 147Page - STMicroelectronics STM32F405RG Datasheet HTML 148Page - STMicroelectronics STM32F405RG Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 154 page
background image
STM32F405xx, STM32F407xx
Application block diagrams
Doc ID 022152 Rev 1
145/154
Appendix A
Application block diagrams
A.1
Main applications versus package
Table 90 gives examples of configurations for each package.
Table 90.
Main applications versus package for STM32F407xx microcontrollers(1)
64 pins
100 pins
144 pins
176 pins
Config
1
Config
2
Config
3
Config
1
Config
2
Config
3
Config
4
Config
1
Config
2
Config
3
Config
4
Config
1
Config
2
USB 1
OTG
FS
XXXXXX
-
X
X
X
FS
XXXXXXXXXXXX
USB 2
HS
ULPI
---
X
---
X
X
X
X
OTGFS
---
X
X
X
X
X
FS
-
-
-
XXXXXXXXXX
Ethernet
MII
-----
X
X
XXXX
RMII
----
XXXXXXXXX
SPI/I2S2
SPI/I2S3
-
X
-
-
XXXXXXXXX
SDIO
SDIO
SDIO
or
DCMI
SDIO
or
DCMI
-
SDIO
or
DCMI
SDIO
or
DCMI
SDIO
or
DCMI
X
SDIO
or
DCMI
X
SDIO
or
DCMI
XXX
DCMI
8bits
Data
-
X
X
XXX
10bits
Data
-
X
X
XXX
12bits
Data
-
X
X
XXX
14bits
Data
-------
X
X
X
X
FSMC
NOR/
RAM
Muxed
-
-
-
XXXXXXXXXX
NOR/
RAM
-
-
-
XXXXXX
NAND
-
-
-
X
X
X*22
X*19
XX*19
X*22
X*19
X*22
X*22
CF
-------
XXXXXX
CAN
-
X
X
-
XXX
-
-
XX
-
X
1.
X*y: FSMC address limited to “y”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com