Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 138Page - STMicroelectronics STM32F405VG Datasheet HTML 139Page - STMicroelectronics STM32F405VG Datasheet HTML 140Page - STMicroelectronics STM32F405VG Datasheet HTML 141Page - STMicroelectronics STM32F405VG Datasheet HTML 142Page - STMicroelectronics STM32F405VG Datasheet HTML 143Page - STMicroelectronics STM32F405VG Datasheet HTML 144Page - STMicroelectronics STM32F405VG Datasheet HTML 145Page - STMicroelectronics STM32F405VG Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 154 page
background image
Package characteristics
STM32F405xx, STM32F407xx
142/154
Doc ID 022152 Rev 1
Figure 73.
LQFP176 24 x 24 mm, 144-pin low-profile quad flat package outline
1.
Drawing is not to scale.
ccc C
Seating plane
C
AA2
A1
c
0.25 mm
gauge plane
HD
D
A1
L
L1
k
89
88
EHE
45
44
e
1
176
Pin 1
identification
b
133
132
1T_ME
ZD
ZE
Table 87.
LQFP176, 24 x 24 mm, 144-pin low-profile quad flat package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
1.600
0.0630
A1
0.050
0.150
0.0020
A2
1.350
1.450
0.0531
0.0060
b
0.170
0.270
0.0067
0.0106
C
0.090
0.200
0.0035
0.0079
D
23.900
24.100
0.9409
0.9488
E
23.900
24.100
0.9409
0.9488
e
0.500
0.0197
HD
25.900
26.100
1.0200
1.0276
HE
25.900
26.100
1.0200
1.0276
L
0.450
0.750
0.0177
0.0295
L1
1.000
0.0394
ZD
1.250
0.0492
ZE
1.250
0.0492
ccc
0.080
0.0031
k
0 °7 °
0 °7 °
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com