Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 146Page - STMicroelectronics STM32F405VG Datasheet HTML 147Page - STMicroelectronics STM32F405VG Datasheet HTML 148Page - STMicroelectronics STM32F405VG Datasheet HTML 149Page - STMicroelectronics STM32F405VG Datasheet HTML 150Page - STMicroelectronics STM32F405VG Datasheet HTML 151Page - STMicroelectronics STM32F405VG Datasheet HTML 152Page - STMicroelectronics STM32F405VG Datasheet HTML 153Page - STMicroelectronics STM32F405VG Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 154 page
background image
Application block diagrams
STM32F405xx, STM32F407xx
152/154
Doc ID 022152 Rev 1
Figure 86.
Master clock (MCK) used to drive the external audio DAC
1.
I2S_SCK is the I2S serial clock to the external audio DAC (not to be confused with I2S_CK).
Figure 87.
Master clock (MCK) not used to drive the external audio DAC
1.
I2S_SCK is the I2S serial clock to the external audio DAC (not to be confused with I2S_CK).
I2S_CK
I2S controller
I2S_MCK = 256 × FSAUDIO
= 11.2896 MHz for FSAUDIO = 44.1 kHz
= 12.2880 MHz for FSAUDIO = 48.0 kHz
/(2 x 16)
/8
/I2SD
FSAUDIO
I2S_SCK(1) = I2S_MCK/8 for 16-bit stereo
for 16-bit stereo
/(2 x 32)
/4
for 32-bit stereo
FSAUDIO
2,3,4,..,129
= I2S_MCK/4 for 32-bit stereo
ai16042
I2SCOM_CK
I2S controller
/(2 x 16)
/I2SD
FSAUDIO
I2S_SCK(1)
for 16-bit stereo
/(2 x 32)
for 32-bit stereo
FSAUDIO
ai16042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com