Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 12 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 12 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 8Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 9Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 10Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 11Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 12Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 13Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 14Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 15Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 16Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
12 of 46
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value/Units
Supply Voltage Core
-0.3V to +2.1V
Supply Voltage I/O
-0.3V to +4.6V
Input Voltage Range (any input)
-2.0V to + 5.25V
Ambient Operating Temperature
-20°C < TA < 85°C
Storage Temperature
-40°C < TSTG < 125°C
Solder Reflow Temperature
230°C
ESD Protection On All Pins
1kV
1. NOTE: See reflow solder profiles (Solder Reflow Profiles on page 15)
2. MIL STD 883 ESD protection applied to all pins on the device.
Table 2-1: DC Electrical Characteristics
TA = 0°C to 70°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes
System
Operation Temperature Range
TA
–0
–
70
°C
–
1
Digital Core Supply Voltage
CORE_VDD
–
1.65
1.8
1.95
V
1
1
Digital I/O Supply Voltage
IO_VDD
–
3.0
3.3
3.6
V
1
1
Charge Pump Supply Voltage
CP_VDD
–
3.0
3.3
3.6
V
1
1
Phase Detector Supply Voltage
PD_VDD
–
1.65
1.8
1.95
V
1
1
Input Buffer Supply Voltage
BUFF_VDD
–
1.65
1.8
1.95
V
1
1
Cable Driver Supply Voltage
CD_VDD
–
1.71
1.8
1.89
V
1
1
External VCO Supply Voltage
Output
VCO_VCC
–
2.25
2.50
2.75
V
1
–
+1.8V Supply Current
I1V8
–
–
–
245
mA
1
3
+3.3V Supply Current
I3V3
––
–
45
mA
1
–
Total Device Power
PD
–
–
–
590
mW
5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com