Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 36 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 36 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 32Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 33Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 34Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 35Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 36Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 37Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 38Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 39Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 40Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
36 of 46
3.8.3 Loop Bandwidth Adjustment
For new designs the GO1555 is recommended for use with the GS9062. The
recommended application ciruit can be seen in Section 4.1 Typical Application
Circuit.
Designs using the GO1525 VCO use different loop bandwidth components. The
application circuit is shown in Figure 3-4.
NOTE: When using the GS9062 with the GS4911B clock generator a narrower
loop bandwidth for the GS9062 serializer should be used. For more details please
refer to section 2.5 of the GS4911B Reference Design.
Figure 3-4: Typical Application Circuit using GO1525
3.9 Serial Digital Output
The GS9062 contains an integrated current mode differential serial digital cable
driver.
To enable this output, SDO_EN/DIS must be set HIGH by the application layer.
Setting the SDO_EN/DIS signal LOW will cause the SDO and SDO output pins to
become high impedance, resulting in reduced device power consumption.
With suitable external return loss matching circuitry, the GS9062's serial digital
outputs will provide a minimum output return loss of -15dB at 270Mb/s.
The integrated cable driver uses a separate power supply of +1.8V DC supplied via
the CD_VDD and CD_GND pins.
VCO_VCC
+1.8V_A
+3.3V
VCO_VCC
1
2
3
4
CP_VDD
PD_GND
PD_VDD
GO1525
4
8
GND
GND
10n
0
10n
100n
10n
0
1u
2n2
1u
10n
10n
0
1u
10n
GND_A
GND_A
GND_VCO
GND_VCO
GND_VCO
GND_VCO
GND_VCO
GND_VCO
GND_VCO
GND_VCO
VCO_VCC
GS9062
R
2
Do not populate R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com