Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 29 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 29 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 25Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 26Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 27Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 28Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 29Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 30Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 31Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 32Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 33Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
29 of 46
3.6.3.1 SMPTE 352M Payload Identifier Insertion
The GS9062 can generate and insert SMPTE 352M payload identifier ancillary
data packets into the data stream, based on information programmed into the host
interface.
When this feature is enabled, the device will automatically generate the ancillary
data preambles, (DID, SDID, DBN, DC), and calculate the checksum. The SMPTE
352M packet will be inserted into the data stream according to the line number and
sample position rules defined in the standard. Where an alternate insertion line is
required, the host interface may program the LINE_352M registers (Table 3-6) with
the appropriate line numbers.
The insertion process will only take place if one or more of the four
VIDEO_FORMAT registers (Table 3-7) have been programmed with non-zero
values. In addition, the GS9062 requires the 352M_INS bit of the
IOPROC_DISABLE register be set LOW.
NOTE 1: For the purpose of determining the line and pixel position for insertion, the
GS9062 will differentiate between PsF and interlaced formats by interrogating bits
14 and 15 of the VIDEO_FORMAT_A register.
The packets will be inserted immediately after the EAV word.
NOTE 2: It is the responsibility of the user to ensure that there is sufficient space
in the horizontal blanking interval for the insertion of the SMPTE 352M packets.
If there are other ancillary data packets present, the SMPTE 352M packet will be
inserted in the first available location in the horizontal ancillary space. Ancillary
data must be adjacent to the EAV.
3.6.3.2 Illegal Code Remapping
If the ILLEGAL_REMAP bit of the IOPROC_DISABLE register is set LOW, the
GS9062 will remap all codes within the active picture between the values of 3FCh
and 3FFh to 3FBh. All codes within the active picture area between the values of
000h and 003h will be remapped to 004h.
In addition, 8-bit TRS and ancillary data preambles will be remapped to 10-bit
values if this feature is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com