Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 22 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 22 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 18Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 19Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 20Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 21Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 22Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 23Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 24Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 25Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 26Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
22 of 46
Figure 3-1: PCLK to Data Timing
3.2.1 Parallel Input in SMPTE Mode
When the device is operating in SMPTE mode, SMPTE Mode on page 23, data
may be presented to the input bus in either multiplexed or demultiplexed form
depending on the setting of the 20bit/10bit input pin.
In 20-bit mode, (20bit/10bit = HIGH), the input data format should be word aligned,
demultiplexed luma and chroma data. Luma words should be presented to
DIN[19:10] while chroma words should occupy DIN[9:0].
In 10-bit mode, (20bit/10bit = LOW), the input data format should be word aligned,
multiplexed luma and chroma data. The data should be presented to DIN[19:10].
DIN[9:0] will be high impedance in this mode.
3.2.2 Parallel Input in DVB-ASI Mode
When operating in DVB-ASI mode, DVB-ASI Mode on page 25, the GS9062
automatically configures the input port for 10-bit operation regardless of the setting
of the 20bit/10bit pin.
The device will accept 8-bit data words on DIN[17:10] such that DIN17 = HIN is the
most significant bit of the encoded transport stream data and DIN10 = AIN is the
least significant bit.
In addition, DIN19 and DIN18 will be configured as the DVB-ASI control signals
INSSYNCIN and KIN respectively. See DVB-ASI Mode on page 25 for a
description of these DVB-ASI specific input signals.
DIN[9:0] will be high impedance when the GS9062 is operating in DVB-ASI mode.
3.2.3 Parallel Input in Data-Through Mode
When operating in Data-Through mode, Data-Through Mode on page 26, the
GS9062 passes data presented to the parallel input bus to the serial output without
performing any encoding or scrambling.
The input data bus width accepted by the device in this mode is controlled by the
setting of the 20bit/10bit pin.
PCLK
DIN[19:0]
DATA
Control signal
input
tIS
tIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com