Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 42 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 42 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 38Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 39Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 40Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 41Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 42Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 43Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 44Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 45Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 46Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
42 of 46
4. Application Reference Design
4.1 Typical Application Circuit
20bit/10bitb
IOPROC_EN/DISb
DATA0
DATA7
DATA12
DATA1
DATA8
DATA13
DATA14
DATA16
DATA3
DATA6
DATA2
DATA11
DATA4
DATA17
DATA10
DATA15
DATA18
DATA9
DATA5
DATA19
IOPROC_EN/DISb
20bit/10bitb
+1.8V
+3.3V
+1.8V_A
+1.8V
+3.3V
+3.3V
VCO_VCC
+1.8V_A
+1.8V_A
+3.3V
VCO_VCC
+1.8V_A
GS9062
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
41
42
43
44
45
46
47
48
49
50
51
52
53
55
54
56
57
58
59
60
CP_VDD
PD_GND
PD_VDD
NC
DVB_ASI
20bit/10bit
IOPROC_EN/DIS
SMPTE_BYPASS
RSET
CD_VDD
IO_VDD
DIN2
DOUT3
DIN4
DIN5
DIN6
DIN7
DIN8
IO_GND
DIN9
DIN10
DIN11
IO_VDD
DIN13
DIN12
DIN14
DIN15
DIN16
DIN17
IO_GND
75
GO1555
4
8
GND
GND
10n
L
75
281 +/-1%
1u
1u
C
0
BNC
10n
10n
R
L
C55
10n
R
C
100n
10 n
10n
BNC
10n
4u7
10n
10n
0
1u
1u
4u 7
47n
1u
10n
10n
75
10n
0
10n
1u
10n
F
V
H
PCLK
DATA[19..0]
DVB_ASI
RESET_TRSTb
LOCK
BLANKb
SMPTE_BYPASSb
SCLK_TCK
SDOUT_TDO
SDIN_TDI
CSb_TMS
JTAG/HOSTb
DETECT_TRS
SDO_EN/DISb
20bit/10bitb
IOPROC_EN/DISb
R, L, C form the output return
loss compensation network.
Values are subject to change.
JTAG/HOSTb
DETECT_TRS
SDO_EN/DISb
SMPTE_BYPASSb
DVB_ASI
BLANKb
LOCK
DVB_ASI
SMPTE_BYPASSb
GND_A
GND_A
GND_A
GND_A
GND_A
GND_D
GND_D
GND_D
GND_D
GND_A
GND_D
GND_VCO
GND_VCO
GND_VCO
G ND_VCO
GND_VCO
GND_VCO
GND_VCO
GND_VCO
RSV
NC
NC
NC
NC
NC
NC
NC
NC
GND_A
NC
NOTE: For GO1525 loop bandwidth
component values see Section 3.8.3.
VCO_VCC
Do not populate R2
R
2
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com