Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 14 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 14 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 10Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 11Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 12Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 13Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 14Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 15Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 16Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 17Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 18Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
14 of 46
Parallel Input
Parallel Clock Frequency
fPCLK
–
13.5
–
27.0
MHz
1
–
Parallel Clock Duty Cycle
DCPCLK
–40
50
60
%
1
–
Input Data Setup Time
tSU
–2
–
–
ns
1
1
Input Data Hold Time
tIH
–1.5
–
–
ns
1
1
Serial Digital Output
Serial Output Data Rate
DRSDO
–
–
270
–
Mb/s
1
–
Serial Output Swing
∆V
SDD
RSET = 281
Ω
Load = 75
Ω
–
800
–
mVp-p
1
–
Serial Output Rise Time
20% ~ 80%
trSDO
ORL compensation
using recommended
circuit
400
550
1500
ps
1
–
Serial Output Fall Time
20% ~ 80%
tfSDO
ORL compensation
using recommended
circuit
400
550
1500
ps
1
–
Serial Output Intrinsic Jitter
tIJ
Pseudorandom and
pathological signal
–
270
350
ps
1
–
Serial Output Duty Cycle
Distortion
DCDSDO
––
20
–
ps
1
2
GSPI
GSPI Input Clock Frequency
fSCLK
––
–
6.6
MHz
1
–
GSPI Input Clock Duty Cycle
DCSCLK
–40
50
60
%
6,7
–
GSPI Input Data Setup Time
–
0
–
–
ns
6,7
–
GSPI Input Data Hold Time
–
1.43
–
–
ns
6,7
–
GSPI Output Data Hold Time
–
2.10
–
–
ns
6,7
–
GSPI Output Data Delay Time
–
–
–
7.27
ns
6,7
–
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with
guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with
guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar
product.
9. Indirect test.
NOTES
1. With 15pF load.
2. Serial Duty Cycle Distortion is defined here to be the
difference between the width of a ‘1’ bit, and the width of a
‘0’ bit.
3. See Device Power Up on page 41, Figure 3-13.
Table 2-2: AC Electrical Characteristics (Continued)
TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com