Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 26 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 26 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 22Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 23Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 24Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 25Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 26Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 27Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 28Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 29Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 30Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
26 of 46
3.5 Data-Through Mode
The GS9062 may be configured by the application layer to operate as a simple
parallel-to-serial converter. In this mode, the device presents data to the output
buffer without performing any scrambling or encoding.
Data-through mode is enabled only when both the SMPTE_BYPASS and
DVB_ASI pins are set LOW.
3.6 Additional Processing Functions
The GS9062 contains an additional data processing block which is available in
SMPTE mode only, SMPTE Mode on page 23.
3.6.1 Input Data Blank
The video input data may be 'blanked' by the GS9062. In this mode, all input video
data except TRS words are set to the appropriate blanking levels by the device.
Both the horizontal and vertical ancillary data spaces will also be set to blanking
levels.
This function is enabled by setting the BLANK pin LOW.
3.6.2 Automatic Video Standard Detection
The GS9062 can detect the input video standard by using the timing parameters
extracted from the received TRS ID words or supplied H, V, and F timing signals
Internal Flywheel on page 23. This information is presented to the host interface
via the VIDEO_STANDARD register (Table 3-2).
Total samples per line, active samples per line, total lines per field/frame and active
lines per field/frame are also calculated and presented to the host interface via the
RASTER_STRUCTURE registers (Table 3-3). These line and sample count
registers are updated once per frame at the end of line 12. This is in addition to the
information contained in the VIDEO_STANDARD register.
After device reset, the four RASTER_STRUCTURE registers default to zero.
Table 3-2: Host Interface Description for Video Standard Register
Register Name
Bit
Name
Description
R/W
Default
VIDEO_STANDARD
Address: 04h
15
Not Used
14–10
VD_STD[4:0]
Video Data Standard (see Table 3-4)R
0
9
Not Used
8
STD_LOCK
Standard Lock: Set HIGH when flywheel has
achieved full synchronization.
R0
7–0
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com