Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 30 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 30 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 26Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 27Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 28Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 29Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 30Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 31Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 32Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 33Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 34Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
30 of 46
Table 3-6: Host Interface Description for SMPTE 352M Packet Line Number Insertion Registers
Register Name
Bit
Name
Description
R/W
Default
LINE_352M_f1
Address: 1Bh
15-11
Not Used
10-0
LINE_0_352M[10:0]
Line number where SMPTE352M packet is
inserted in field 1. This line number overrides
the standard line number. If set to zero, the
standard line number is used.
R/W
0
LINE_352M_f2
Address: 1Ch
15-11
Not Used
10-0
LINE_1_352M[10:0]
Line number where SMPTE352M packet is
inserted in field 2. This line number overrides
the standard line number. If set to zero, the
standard line number is used.
R/W
0
Table 3-7: Host Interface Description for SMPTE 352M Payload Identifier Registers
Register Name
Bit
Name
Description
R/W
Default
VIDEO_FORMAT_B
Address: 0Bh
15-8
SMPTE352M
Byte 4
SMPTE 352M Byte 4 information must be
programmed in this register when 352M_INS =
LOW.
R/W
0
7-0
SMPTE352M
Byte 3
SMPTE 352M Byte 3 information must be
programmed in this register when 352M_INS =
LOW.
R/W
0
VIDEO_FORMAT_A
Address: 0Ah
15-8
SMPTE352M
Byte 2
SMPTE 352M Byte 2 information must be
programmed in this register when 352M_INS =
LOW.
R/W
0
7-0
SMPTE 352M
Byte 1
SMPTE 352M Byte 1 information must be
programmed in this register when 352M_INS =
LOW.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com