Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 27 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 27 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 23Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 24Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 25Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 26Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 27Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 28Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 29Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 30Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 31Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
27 of 46
3.6.2.1 Video Standard Indication
The video standard codes reported in the VD_STD[4:0] bits of the
VIDEO_STANDARD register represent the SMPTE standards as shown in
Table 3-4.
In addition to the 5-bit video standard code word, the VIDEO_STANDARD register
also contains an additional status bit. The STD_LOCK bit will be set HIGH
whenever the flywheel has achieved full synchronization.
The VD_STD[4:0] and STD_LOCK bits of the VIDEO_STANDARD register will
default to zero after device reset. The VD_STD[4:0] bits will also default to zero if
the SMPTE_BYPASS pin is asserted LOW or if the LOCKED output is LOW. The
STD_LOCK bit will retain its previous value if the PCLK is removed.
Table 3-3: Host Interface Description for Raster Structure Registers
Register Name
Bit
Name
Description
R/W
Default
RASTER_STRUCTURE1
Address: 0Eh
15-12
Not Used
11-0
RASTER_STRUCTURE_1[11:0]
Words Per Active Line
R
0
RASTER_STRUCTURE2
Address: 0Fh
15-12
Not Used
11-0
RASTER_STRUCTURE_2[11:0]
Words Per Total Line.
R
0
RASTER_STRUCTURE3
Address: 10h
15-11
Not Used
10-0
RASTER_STRUCTURE_3[10:0]
Total Lines Per Frame
R
0
RASTER_STRUCTURE4
Address: 11h
15-11
Not Used
10-0
RASTER_STRUCTURE_4[10:0]
Active Lines Per Field
R
0
Table 3-4: Supported Video Standards
VD_STD[4:0]
SMPTE
Standard
Video Format
Length of
HANC
Length of
Active Video
Total
Samples
SMPTE352M
Lines
16h
125M
1440x487/60 (2:1)
(Or dual link progressive)
268
1440
1716
3, 276
17h
125M
1440x507/60 (2:1)
268
1440
1716
3, 276
19h
125M
525-line 487 generic
–
–
1716
3, 276
1Bh
125M
525-line 507 generic
–
–
1716
3, 276
18h
ITU-R BT.656
1440x576/50 (2:1)
(Or dual link progressive)
280
1440
1728
9, 322
1Ah
ITU-R BT.656
625-line generic (EM)
–
–
1728
9, 322
1Eh
Unknown SD
–
–
–
–
–
00h-15h,
1Ch, 1Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com