Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CFE3 Datasheet(PDF) 24 Page - Gennum Corporation

Part # GS9062-CFE3
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CFE3 Datasheet(HTML) 24 Page - Gennum Corporation

Back Button GS9062-CFE3 Datasheet HTML 20Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 21Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 22Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 23Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 24Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 25Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 26Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 27Page - Gennum Corporation GS9062-CFE3 Datasheet HTML 28Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
24 of 46
When DETECT_TRS is HIGH, the flywheel will be locked to the embedded TRS
signals in the parallel input data. Both 8-bit and 10-bit TRS code words will be
identified by the device.
The flywheel 'learns' the video standard by timing the horizontal and vertical
reference information supplied a the H, V, and F input pins, or contained in the TRS
ID words of the received video data. Full synchronization of the flywheel to the
received video standard therefore requires one complete video frame.
Once synchronization has been achieved, the flywheel will continue to monitor the
received TRS timing or the supplied H, V, and F timing information to maintain
synchronization.
3.3.2 HVF Timing Signal Extraction
As discussed above, the GS9062's internal flywheel may be locked to externally
provided H, V, and F signals when DETECT_TRS is set LOW by the application
layer.
The H signal timing should also be configured via the H_CONFIG bit of the internal
IOPROC_DISABLE register as either active line based blanking or TRS based
blanking, Packet Generation and Insertion on page 28.
Active line based blanking is enabled when the H_CONFIG bit is set LOW. In this
mode, the H input should be HIGH for the entire horizontal blanking period,
including the EAV and SAV TRS words. This is the default H timing assumed by
the device.
When H_CONFIG is set HIGH, TRS based blanking is enabled. In this case, the H
input should be set HIGH for the entire horizontal blanking period as indicated by
the H bit in the associated TRS words.
The timing of these signals is shown in Figure 3-2.
Figure 3-2: H, V, F Timing
H:V:F TIMING – 20-BIT INPUT MODE
PCLK
CHROMA DATA OUT
LUMA DATA OUT
H
000
3FF
XYZ
(eav)
000
V
F
000
3FF
XYZ
(SAV)
000
H:V:F TIMING – 10-BIT INPUT MODE
MULTIPLEXED
Y/Cr/Cb DATA OUT
PCLK
H
V
F
XYZ
(eav)
000
000
3FF
XYZ
(sav)
000
000
3FF
H SIGNAL TIMING:
H_CONFIG = LOW
H_CONFIG = HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com