Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
ALARM_SUM: This parameter summarized the status of
up to 16 block alarms.
4.2
Physical Block
The Physical Block contains data specific to the Enhanced
Model 705 PA transmitter, along with some
information about the firmware.
NOTE: The Physical Block has no control function.
MODE_BLK: Actual mode must be in AUTO in order for
the AI Function blocks in the transmitter to operate.
NOTE: A Physical Block in “out of service” will stop all function block
execution in the transmitter.
SOFTWARE_REVISION: Revision number of the
software of the field device.
HARDWARE_REVISION: Revision number of the
hardware of the field device.
DEVICE_MAN_ID: Identification code of the
manufacturer of the field device.
DEVICE_ID: Manufacturer specific identification of the
device.
DEVICE_SER_NUM: Serial number of the device.
DIAGNOSIS: Detailed information about the device,
bitwise coded.
DIAGNOSIS_EXTENSION: Additional detailed
information about the device.
DIAGNOSIS_MASK: Definition of supported
DIAGNOSIS information-bits.
0 = not supported
1 = supported
DIAGNOSIS_MASK_EXTENSION: Definition of sup-
ported DIAGNOSIS_EXTENSION information-bits.
0 = not supported
1 = supported
DEVICE CERTIFICATION: Pertinent certifications of
the device.
21
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com