Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 32 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 32 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 30Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 31Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 32Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 33Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
34
Fid Gain
xxx
Superuser
Superuser parameter
35
Window
xxx
Factory
Factory Parameter
Calibration parameter
36
Conv Fct
xxxx
Factory
Factory Parameter
Calibration parameter
37
Scl Ofst
xxx
Factory
Factory Parameter
Calibration parameter
38
Neg Ampl
xxx
Superuser
Superuser Parameter
Diagnostic parameter
39
Pos Ampl
xxx
Superuser
Superuser Parameter
Diagnostic parameter
40
Signal
xxx
None
Diagnostic Display
Indication of level
signal amplitude
Display
Password
Action
Comment
16
SZHeight
xx.x su
User
Enter
distance below BlockDis where
SZ Fault will be asserted
5.1 to 2286 cm (2 to 900 in)
17
SZ Latch
Reset
User
Press Enter to clear a Safety Zone latch
18
Threshld
(select)
User
Select
from CFD, Fixed
For interface, refers to threshold for
upper level pulse
19
Trim Lvl
xx.x su
Superuser or
user
Enter value to adjust Level reading
-20.0 inches <= Lvl Trim <= +20.0 inches
(Superuser password required if negative
fiducial.)
20
Dev Addr
User
Set Device Address
0 to 126
21
AIDisp
(select)
User
Select AI Block Out values to be displayed
22
LvlTicks
xxxxx
User
Diagnostic Display
Time of flight from fiducial to level signal
23
New Pass
xxx
User
Enter new password (0-255)
Displays encrypted value of present
password
24
Language
(select)
User
Select from English, Spanish, French,
German
Language choice for
LCD display
25
Mdl705PA
Ver 3.0A
None
Transmitter Display
Product identification
Firmware version
26
DispFact
(select)
None
Select Yes to display factory parameter
menus
27 History Status
(status)
None
Diagnostic Display to view present status
and recent exceptions
28
Run Time
xxxx.x h
None
Diagnostic Display showing elapsed
time since power on
Cleared to zero with History Reset
29
History
Reset
Superuser
Press Enter and select yes to clear
history
Similar to SZ Mode Reset.
30
HF Cable
(select)
Superuser
Select length of remote extension cable
Select Integral, 3-foot, 12-foot
31
FidTicks
xxxx
None
Diagnostic Display
Time of flight from start of
ramp to fiducial
32
Fid Sprd
xxx
None
Diagnostic Display
Spread in fiducial ticks readings
33
Fid Type
(select)
Superuser
Superuser parameter
Select from Positive, Negative.
Selection only allowed for some probes,
fixed for others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com