Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
4.0
Function Blocks
4.1
Overview
The Enhanced Eclipse Model 705 Guided Wave Radar
Level Transmitter operates on the principle of Time Domain
Reflectometry (TDR). Refer to Bulletins 57-101 and 57-600
for more detailed information on the Eclipse product family.
The Enhanced Eclipse Model 705PA is a Guided Wave
Radar (GWR) level transmitter with six PROFIBUS PA™
Blocks (one Physical Block, one Transducer Block, and four
Analog Input blocks). The idea of Function Blocks, which a
user can customize for a particular application, is a key con-
cept of fieldbus topology. Function Blocks consist of an
algorithm, inputs and outputs, and a user-defined name.
The TRANSDUCER block output is available to the net-
work through the ANALOG INPUT blocks.
The ANALOG INPUT blocks (AI) take the TRANSDUCER
block level or volume values and makes them available as an
analog value to the network. The AI blocks have scaling con-
version, filtering, and alarm functions.
4.1.1 Standard PROFIBUS
TM Block Parameters
The following are general descriptions of the parameters
common to all blocks. Additional information for a given
parameter is described later in that specific block section.
BLOCK_OBJECT: Contains the characteristics of the
block. This object applies to every block and is placed
before the first parameter.
ST_REV A read-only parameter to track changes of static
parameters in the associated block. ST_REV will be incre-
mented each time a static parameter is changed.
TAG_DESC (tag descriptor): A user-supplied description
of the block.
STRATEGY: A user-specified value that may be used in
configuration or diagnostics as a key in sorting block
information.
ALERT_KEY: A user-assigned value that may be used in
sorting alarms or events generated by a block.
TARGET_MODE: This attribute indicates what mode of
operation is desired for the block.
MODE_BLK: A structured parameter composed of the actual
mode, the normal and the permitted mode(s) of a block.
The actual mode is set by the block during its execution to
reflect the mode used during execution
The permitted mode shows which changes of the target
mode are valid for the specific block
20
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com