Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
3.4.2 Installing a Twin Rod Probe
(Models 7xB, 7x5, and 7x7)
Before installing, make sure the:
• Model and serial numbers on the nameplates of the Eclipse
probe and transmitter are identical.
• Probe has adequate headroom for installation and has unob-
structed entry to the bottom of the vessel.
• Process temperature, pressure, dielectric, viscosity, and
media buildup are within the probe specifications for the
installation.
Nozzles:
The 7xB/7x5/7x7 Twin Rod probes may be susceptible to
objects that are in close proximity. The following rules
should be followed for proper application:
1. Nozzles should be 3" (80 mm) diameter or larger.
2. 7xB/7x5/7x7 Twin Rod probes should be installed such that
the active rod is >1" (25 mm) from metallic objects such as
pipes, ladders, etc., (a bare tank wall parallel to the probe is
acceptable).
3.4.2.1 To install a rigid twin rod probe:
x Make sure the process connection is at least 2" NPT or a
flanged mounting.
y Make sure that there is at least 1" (25 mm) spacing between
the active probe rod and any part of the tank (walls, still-
well, pipes, support beams, mixer blades, etc.). Minimum
stillwell diameter for Twin Rod probe is 3".
z Carefully place the probe into the vessel. Align the gasket
on flanged installations.
{ Align the probe process connection with the threaded or
flanged mounting on the vessel.
| For threaded connections, tighten the hex nut of the probe
process connection. For flanged connections, tighten flange
bolts.
} Probe can be stabilized by attaching the inactive probe rod
to vessel.
NOTE: If the transmitter is to be installed at a later time, do not remove
the protective cap from the probe. Do not use sealing com-
pound or TFE tape on probe connection to transmitter as this
connection is sealed by a Viton® O-ring.
Active
probe rod
Inactive
probe rod
x
y
z
{
|
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com