Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
13
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
WARNING! The Model 7xD, 7xR or 7xT overfill probes should be
used for Safety Shutdown/Overfill applications. All other
Guided Wave Radar probes should be installed so the
maximum overfill level is a minimum of 6" (150 mm)
below the process connection. This may include utilizing
a nozzle or spool piece to raise the probe. Consult
factory to ensure proper installation.
WARNING! Do not disassemble probe when in service and under
pressure.
3.4.1 Installing a Coaxial Probe
(Models 7xA, 7xD, 7xP, 7xR, 7xS, and 7xT)
Before installing, make sure the:
• Model and serial numbers on the nameplates of the Eclipse
probe and transmitter are identical.
• Probe has adequate room for installation and has unob-
structed entry to the bottom of the vessel. The Model 7xD
(High Temp./High Pressure) probe, Model 7xP (High
Pressure) probe, Model 7xR (Overfill) probe, Model 7xS
(Steam) probe and Model 7xT (Interface) probe require
added clearance.
• Process temperature, pressure, dielectric, and viscosity are
within the probe specifications for the installation.
• Model 7xD (High Temp./High Pressure) probes should be
handled with extra care due to the ceramic spacers used
throughout their length.
3.4.1.1 To install a coaxial probe:
x Make sure the process connection is at least 3⁄
4
" NPT or a
flanged mounting.
y Carefully place the probe into the vessel. Align the gasket
on flanged installations.
z Align the probe process connection with the threaded or
flanged mounting on the vessel.
{ For threaded connections, tighten the hex nut of the probe
process connection. For flanged connections, tighten flange
bolts.
NOTE: If the transmitter is to be installed at a later time, do not remove
the protective cap from the probe. Do not use sealing com-
pound or TFE tape on probe connection to transmitter as this
connection is sealed by a Viton® O-ring.
y
x
{
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com