Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 27 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 27 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 30Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 31Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
4.4
User-Calibration Parameters
One of the main advantages of the Enhanced Eclipse Model
705 transmitter is that the device does not need to be cali-
brated in the field. Every Enhanced Eclipse Model 705
transmitter is shipped from the factory precisely calibrated.
Part of the advantage of PROFIBUS PA™ is to provide the
ability to monitor changes and make adjustments to a trans-
mitter. The fieldbus concept allows a user to make calibra-
tion adjustments if deemed necessary.
NOTE: The original factory calibration settings are restored when a new
probe length value is assigned.
It is highly recommended that factory calibration be used
for optimum performance.
Contact the factory for information on how to perform a
User Calibration.
4.4.1 Factory Parameters
The following parameters are used for either
troubleshooting or are parameters adjusted at the
factory. They should never be changed in the field.
The factory-adjustable calibrated parameters are WINDOW,
CONVERSION_FACTOR, and SCALE_OFFSET.
WINDOW is used to adjust for the variations in the analog
section of the Eclipse TDR measurement engine. CON-
VERSION_FACTOR and SCALE_OFFSET are the main
factory calibration settings.
WINDOW: determines the amount of delay between the
generation of the transmitted signal pulse and the start of
the measurement cycle.
FID_TICKS: a measure of the time to the fiducial (refer-
ence) pulse.
LEVEL_TICKS: a measure of the time to the level of the
product being measured.
CONVERSION_FACTOR: the slope of the factory-set
calibration line.
SCALE_OFFSET: the intercept of the calibration line.
4.4.2 Firmware Version
The last parameter in the TRANSDUCER block gives the
firmware version of the transmitter.
FIRMWARE_VERSION: displays the version of the
firmware.
27
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com