Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 39 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 39 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 36Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 37Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 38Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 40Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 41Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 42Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 43Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
TEXT HERE............
39
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.2
Agency Approvals
FM
705-53XX-1XX
Intrinsically Safe
Class
I, Div. 1; Groups A, B, C, & D
705-53XX-2XX
Class
II, Div. 1; Groups E, F, & G T4
Class
III, Type 4X IP66
Entity/FISCO
705-53XX-3XX
Explosion Proof
Œ
Class
I, Div. 1; Groups B, C & D
705-53XXX-4XX
(with Intrinsically Safe probe)
Class
II, Div. 1; Groups E, F, & G T4
Class
III, Type 4X IP66
705-53XX-XXX
Non-Incendive
Class
I, Div. 2; Groups A, B, C, & D
705-53XX-XXX
Suitable for:

Class
II, Div. 2; Groups F & G T4
Class
III, Type 4X IP66
CSA
705-53XX-1XX
Intrinsically Safe
Class
I, Div. 1; Groups A, B, C, & D
705-53XX-2XX
Class
II, Div. 1; Group G T4
Class
III, Type 4X
Entity/FISCO
705-53XX-3XX
Explosion Proof
Œ
Class
I, Div. 1; Groups B, C & D
705-53XX-4XX
(with Intrinsically Safe probe)
Class
II, Div. 1; Group G T4
Class
III, Type 4X
705-53XX-XXX
Non-Incendive
Class
I, Div. 2; Groups A, B, C, & D
705-53XX-XXX
Suitable for:

Class
II, Div. 2; Group G T4
Class
III, Type 4X
ATEX
705-53XX-AXX
Intrinsically Safe
II 1G, EEx ia
IIC T4
705-53XX-BXX
705-53XX-CXX
Flame Proof
Œ
II 1/2G, EEx d [ia]
IIC T4
705-53XX-DXX
705-53XX-EXX
Non-sparking

II 3G, EEx n
II T4..T6
705-53XX-FXX
AGENCY
MODEL APPROVED
APPROVAL CATEGORY
APPROVAL CLASSES
Œ Factory Sealed: This product has been approved by Factory
Mutual Research (FM), and Canadian Standards Association
(CSA), as a Factory Sealed device.
 Measured media inside vessel must be non-flammable only.
These units are in conformity of:
1. The EMC Directive: 89/336/EEC. The units have been
tested to EN 61000-6-2/2001 and EN 61000-6-4/2001.
2. Directive 94/9/EC for equipment or protective system for use
in potentially explosive atmospheres.
0344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com