Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 18 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 18 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
y Make sure that there is at least 1" (25 mm) spacing
between the active probe rod and any part of the tank
(walls, stillwell, pipes, support beams, mixer blades, etc.).
Minimum stillwell diameter for Twin Rod probe is 3".
z Carefully place the probe into the vessel. Align the gasket
on flanged installations.
{ Align the probe process connection with the threaded or
flanged mounting on the vessel.
| For threaded connections, tighten the hex nut of the probe
process connection. For flanged connections, tighten flange
bolts.
Probe can be shortened in the field:
} a. Loosen and remove the two cable clamps.
b. Slide the weight off of the probe.
c. Cut the cable to the required length.
d. Remove 12 inches of the rib between the two cables.
e. Strip 6 inches of coating from the two cables.
f. Slide the weight back on to the probe.
g. Reinstall the two cable clamps and tighten.
h. Enter the new probe length (inches or cm) in software.
3.4.4.4 To install a Model 7x2 bulk solids flexible single rod
probe:
x Make sure the process connection is at least 2" NPT or a
flanged mounting.
y Carefully place the probe into the vessel. Align the gasket
on flanged installations.
z Align the probe process connection with the threaded or
flanged mounting on the vessel.
{ For threaded connections, tighten the hex nut of the probe
process connection. For flanged connections, tighten flange
bolts.
| Probe can be shortened in field:
} a. Loosen and remove the two cable clamps.
b. Slide the weight off of the probe.
c. Cut the cable to the required length plus 6.38".
d. Slide the weight back on to the probe.
e. Reinstall the two cable clamps and tighten.
f. Enter the new probe length (inches or cm) in software.
Model 7x5 Dual Rod
Bulk Solids Probe
Model 7x2 Single Rod
Bulk Solids Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com