Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 49 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 49 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 44Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 45Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 46Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 47Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 48Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 49Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 50Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 51Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 52Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Appendix – Transducer Block Parameters
49
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
INDEX PARAMETER NAME
PARAMETER LABEL
0
BLOCK_OBJECT
BLOCK OBJECT
1
ST_REV
ST REV
2
TAG_DESC
TAG DESC
3
STRATEGY
STRATEGY
4
ALERT_KEY
ALERT KEY
5
TARGET_MODE
TARGET MODE
6
MODE_BLK (Act, Perm, Norm)
MODE BLK
7
ALARM_SUM
ALARM SUM
8
LEVEL
Level
9
LEVEL_UNIT
Level Unit
10
PROBE_LEVEL
Probe Level
11
PROBE_LEVEL_UNIT
Probe Level Unit
12
SENSOR_VALUE
Sensor Value
13
SENSOR_UNIT
Sensor Unit
18
SENSOR_OFFSET
Sensor Offset
19
CAL_TYPE
Calibration Type
20
CAL_POINT_LO
Sensor Cal Lo
21
CAL_POINT_HI
Sensor Cal Hi
22
PROBE_LEVEL_LO
Probe Level Lo
23
PROBE_LEVEL_HI
Probe Level Hi
24
LEVEL_OFFSET
Level Offset
25
LIN_TYPE
Lin Type
28
SENSOR_HIGH_LIMIT
Sensor High Limit
29
SENSOR_LOW_LIMIT
Sensor Low Limit
53
PROBE_MODEL
Probe Model
54
PROBE_MOUNT
Probe Mount
55
MEASUREMENT_TYPE
Measurement Type
56
PROBE_LENGTH
Probe Length
57
DIELECTRIC_RANGE
Dielectric Range
58
SENSITIVITY
Sensitivity
59
BLOCKING_DISTANCE
Blocking Distance
60
SAFETY_ZONE_MODE
Safety Zone Mode
61
SAFETY_ZONE_HEIGHT
SZ Height
62
SZ_LATCH_RESET
SZ Latch Reset
63
THRESHOLD
Threshold
64
TRIM_LEVEL
Trim Level
65
VOLUME
Volume
66
VOLUME_UNIT
Volume Unit
67
INTERFACE
Ifc Level
68
INTERFACE_UNIT
Ifc Level Unit
69
UPPER_LIQUID_DIELECT
Upper Dielectric
70
INTERFACE_THRESHOLD
Interface Threshold
71
INTERFACE_VOLUME
Ifc Volume
72
INTERFACE_VOL_UNIT
Ifc Volume Unit
73
STRAP_TABLE_LENGTH
Strapping Table Length
74
TABLE_VOLUME_UNIT
Table Volume Unit
75
STRAPPING_TABLE_PT01
StrappingTbl Pt01
76
STRAPPING_TABLE_PT02
StrappingTbl Pt02
77
STRAPPING_TABLE_PT03
StrappingTbl Pt03
78
STRAPPING_TABLE_PT04
StrappingTbl Pt04
79
STRAPPING_TABLE_PT05
StrappingTbl Pt05
80
STRAPPING_TABLE_PT06
StrappingTbl Pt06
81
STRAPPING_TABLE_PT07
StrappingTbl Pt07
82
STRAPPING_TABLE_PT08
StrappingTbl Pt08
83
STRAPPING_TABLE_PT09
StrappingTbl Pt09
84
STRAPPING_TABLE_PT10
StrappingTbl Pt10
85
STRAPPING_TABLE_PT11
StrappingTbl Pt11
INDEX PARAMETER NAME
PARAMETER LABEL
86
STRAPPING_TABLE_PT12
StrappingTbl Pt12
87
STRAPPING_TABLE_PT13
StrappingTbl Pt13
88
STRAPPING_TABLE_PT14
StrappingTbl Pt14
89
STRAPPING_TABLE_PT15
StrappingTbl Pt15
90
STRAPPING_TABLE_PT16
StrappingTbl Pt16
91
STRAPPING_TABLE_PT17
StrappingTbl Pt17
92
STRAPPING_TABLE_PT18
StrappingTbl Pt18
93
STRAPPING_TABLE_PT19
StrappingTbl Pt19
94
STRAPPING_TABLE_PT20
StrappingTbl Pt20
95
FID_TICKS
Fiducial Ticks
96
FID_SPREAD
Fiducial Spread
97
LEVEL_TICKS
Level Ticks
98
INTERFACE_TICKS
Interface Ticks
99
INTERFACE_MEDIUM
Interface Medium
100
ENTER_PASSWORD
Enter Password
101
NEW_PASSWORD
New User Password
102
DEVICE_STATUS
Device Status
103
HISTORY_MESSAGE
History Message
104
HISTORY_CONTROL
History Control
105
RESET_HISTORY
Reset History
106
FID_TYPE
Fiducial Type
107
FID_GAIN
Fiducial Gain
108
WINDOW_705
Window
109
CONVERSION_FACTOR
Conversion Factor
110
SCALE_OFFSET
Scale Offset
111
NEGATIVE_AMPLITUDE
NegThreshold Ampl
112
INTERFACE_AMPLITUDE
IfcThreshold Ampl
113
POSITIVE_AMPLITUDE
PosThreshold Ampl
114
SIGNAL
Signal Strength
115
COMPENSATION
Compensation Mode
116
DERATE_FACTOR
Derating Factor
117
TARGET_AMPLITUDE
Target Amplitude
118
TARGET_TICKS
Target Ticks
119
TARGET_CAL
Targ Calib Value
120
TARGET_OPER_MODE
Target OperMode
121
SEVENXK_DIST_CORRECT
7XK Correction
122
ELECT_TEMPERATURE
Elec Temperature
123
MAX_ELECTRONICS_TEMP
Max Temperature
124
MIN_ELECTRONICS_TEMP
Min Temperature
125
RESET_ELECT_TEMP
Reset Temperature
126
SZ_HYSTERESIS
SZ Hysteresis
127
LCD_LANGUAGE
LCD Language
128
STEAM_CAL_MOUNT
Steam Cal Mount
129
RAMP_SLOPE
Ramp Slope
130
BASE_FID_TICKS
Base Fid Ticks
131
FACTORY_PARAM_1
Factory Param 1
132
FACTORY_PARAM_2
Factory Param 2
133
ECHO_SUMMARY
Echo Summary
134
ECHO_DATA
Echo Data
135
ECHO_DATA_INDEX
EchoData Indx
136
NON_VOL_STAT
Non Vol Stat
137
DATE_CODE
Date Code
138
MAGNETROL_SERIAL_NUM Magnetrol S/N
139
FIRMWARE_VERSION
Firmware Version
140
LOCAL_AI_DISPLAY
Local AI Display
141
HF_CABLE
HF Cable
142
NSP_VALUE
NSP Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com