Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705-5100-F21 Datasheet(PDF) 31 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 31 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 30Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 31Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 32Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 33Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 34Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 35Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
12
Dielctrc
(select)
User
Select range bounding the dielectric con-
stant of the medium
Select from 1.4-1.7, 1.7-3,
3-10, 10-100
13
Senstvty
xxx
Superuser or
user
Adjust gain value upward or downward
to sense liquid surface
(Superuser password required for dual ele-
ment probes.)
14
BlockDis
xx.x su
User
Enter distance below reference point
where level is not sensed
-99.9 to 2286 cm (-39.3 to 900 in)
15
SftyZone
(select)
User
Select behavior when level is sensed in
safety zone
Off, On, Latch
5.0
Model 705 Menu: Step by Step Procedures
The following table describes the software menu displayed
by the Eclipse PROFIBUS PATM transmitter for “Level
Only” measurement. Use this table as a step by step guide
to configure the transmitter.
The second column presents the menus shown on the trans-
mitter display. The displays are in the order they would
appear if the arrow keys were used to scroll through the
menu. The numbers on the first column are not shown in
the display. They are only provided as reference.
The third column provides the actions to take when config-
uring the transmitter. Additional information or an explana-
tion of an action is given in the fourth coulmn. (Shaded
sections are factory menu items).
Display
Password
Action
Comment
1
*Status*
*Level*
*AI1Lvl*
None
Transmitter Display
MeasType = Lvl Only
2
Level
xxx.x lu
None
Transmitter Display
All MeasType selections
3
LvlUnits
(select)
User
Select the Level units
Select from cm, inches, feet, meters,
percent
4
AI1LVl
xx.x%
None
Transmitter Display
All MeasType selections
5
PrbModel
(select)
User
Select the type of probe used
Select from 7xA-x, 7xB-x, 7xD-x,
7xG-x, 7xK-x, 7xP-x, 7xR-x, 7xE-x,
7xF-x, 7xF-E, 7xF-F, 7x1-x, 7x2-x,
7x5-x, 7x7-x, 7xF-4, 7xF-P, 7xJ-x,
7xL-x, 7xM-x, 7xN-x, 7xS-x, 7xT-x
6
PrbMount
(select)
User
Select the type of probe
mounting
Select from NPT, BSP or Flange
7
MeasType
(select)
User
Select type of measurement
Select from Lvl Only, Lvl&Vol, Intrface,
Ifc&Vol
8
SnsrUnit
(select)
User
Select the Sensor units
Select from cm, inches, feet, meters
9
Probe Ln
xxx.x su
User
Enter the exact length
of the probe
11.8 to 900 in (30 to 2286 cm)
10
PrbLvlUn
User
Select Probe Level units
Select from cm, inches, feet, meters,
percent
11
Lvl Ofst
xxx.x plu
User
Enter desired Level reading when probe
is dry
-90 to 300 in (-228.6 to 762 cm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com