Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  B40-1F30-FKB Datasheet HTML 1Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 2Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1.0
Introduction
Magnetrol's B40 level switches are specifically designed for
extremely high pressure, high temperature service conditions
found principally in power plants, petroleum and petro-
chemical refineries, and nuclear power installations.
Caution: If equipment is used in a manner not specified by manufac-
turer, protection provided by equipment may be impaired.
1.1
Principle of Operation
The design of Magnetrol float-operated level switches is
based upon the principle that a magnetic field will “see
through” non-magnetic materials such as 316 stainless steel.
In this case, the float moves a magnetic attraction sleeve (1)
within a non-magnetic enclosing tube (2) and actuates
a switch mechanism (3). The enclosing tube provides a
pressure seal to the chamber and, therefore, to the process.
1.2
Operating Cycle
As the liquid level decreases in the chamber, refer to
Figure 1, the float moves the magnetic attraction sleeve up,
within the enclosing tube, and into the field of the switch
mechanism magnet. As a result, the magnet is drawn in
tightly to the enclosing tube causing the switch to trip,
“making” or “breaking” an electrical circuit. As the liquid
level rises, the float moves the attraction sleeve out of the
magnetic field, releasing the switch at a predetermined low
level (see Figure 2). The tension spring ensures the return of
the switch in a snap action.
2.0
Installation
2.1
Unpacking
Unpack the instrument carefully, inspecting for damage.
Report any concealed damage to the carrier within
24 hours. Check the contents listed on the packing slip
and purchase order. Check and record the serial number
for future reference when ordering parts.
4
46-602 B40 Liquid Level Switches
5
6
4
Mercury
Switch
Pivots
Tension
Spring
Swing-In
Position
Float
1
3
Pivot
2
5
6
4
Swing-Out
Position
Figure 1
Switch Tripped
Figure 2
Switch Released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com