Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 18 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 18 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 18Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 19Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
46-602 B40 Liquid Level Switches
B4
0
MATERIALS OF CONSTRUCTION/PRESSURE RATING (PSIG)
BASIC MODEL
B40
B40 Liquid Level Switch
Œ Float material based on availability. Both 321SS and 347SS are stabilized
austenitic stainless steels.
 Consult factory for NEMA 4X/7/9 cast iron housings.
Ž Aluminum enclosure limited to +750° F (+399° C) in hazardous locations.
 Process temperature based on +100° F (+38° C) ambient.
 On steam applications, temperature down-rated to +400° F (+204° C) process
at +100° F (+38° C) ambient.
Chamber
Material
Float
Material
Tank
Connection
Mininum
S.G.
Temperature° F
100
500
750
800
1000
PF30
Chrome-Moly
321/347 SSŒ
1” butt-weld
0.65
1573
1573
1552
n/a
n/a
HF30
n/a
n/a
n/a
1510
661
PB60
1” socket weld
1573
1573
1552
n/a
n/a
HB60
n/a
n/a
n/a
1510
661
PC30
Carbon Steel
11/2” socket weld
1444
1444
1251
n/a
n/a
PC40
316 SS
11/2” socket
weld
3700
3543
3169
n/a
n/a
HC40
n/a
n/a
n/a
3129
3011
PC20
Carbon Steel
1” socket weld
1335
1335
1157
n/a
n/a
4.5.2 Part Number ASME B31.1 Construction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com