Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
46-602 B40 Liquid Level Switches
4.3
Replacement Parts
Figure 10
IMPORTANT:
When ordering, please specify:
A.
Model and serial number of control.
B.
Name and number of replacement assembly.
Connections:
1" or 11⁄2" Socket Weld
1" Schedule 80 Beveled
Welding Nipples
Item
Description
Model
B40-1C50
B40-1F30
B40-1B60
B40-PF30
B40-PB60
B40-3C30
B40-PC30
B40-PC20
B40-5C20
B40-HF30
B40-HB60
B40-4C40
B40-PC40
B40-HC40
1
Housing Cover
Refer to bulletin 42-683, 42-694 or 42-799
2
Housing Base
3
Switch mechanism
4
Jam nut(s)
10-2106-004 (qty. 4)
5
Attraction sleeve
32-4203-001
04-4511-002
6
E-tube gasket
12-1204-001
7
Enclosing tube
32-6312-001
32-6346-003 32-6357-002 32-6308-002 32-6357-003
8
O-ring
12-2201-215
N/A
12-2201-215
N/A
N/A
9
Float chamber assembly
Consult Factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com