Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 12 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 12 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
46-602 B40 Liquid Level Switches
4.4
Specifications
4.4.1 Dimensional Inches (mm)
E
E
Plugged
7.56
(192)
19.62 (498)
4.75
(121) 6.63
(168)
O.D.
9.50
(241)
C
L
1
" Socket weld
0.50 (13)
Rising
level
0.50 (13)
Falling
level
Rotation clearance
B
A
7.19
(182)
C
D
8.50
(215)
1 2
⁄
1
" Socket weld
1 2
⁄
0.50 (13)
Falling
level
0.50 (13)
5.56
(141)
8.30
(211)
7.18
(182)
7.19
(182)
19.88 (504)
Rotation clearance
4.18 (106)
4.15
(105)
1" Socket weld
C
L
1" Socket weld
Rising
level
A
C
D
E
Plugged
B
E
Rotationclearance
A
C
D
5.06
(129)
10.12
(257)
6.63
(168)
O.D.
22.38 (568)
9.06
(230)
11/2" Socket weld
11/2" Socket weld
C
L
9.50
241
E
Plugged
7.19
(182)
B
0.50 (13)
Rising
level
0.50 (13)
Falling
level
E
B40-4C40
B40-5C20
B40-3C30
Outline Dimensions
Housing
AB
C
D
E
NEMA 4X
4.64
3.25
6.82
8.50
3
⁄4" NPT
Carbon steel
(117)
(82)
(173)
(215)
Single conduit
NEMA 4X/7/9
5.62
5.25
8.88
10.50
1" NPT
Cast iron
(142)
(133)
(225)
(266)
Single conduit
NEMA 4X/7/9
5.93
3.87
8.46
10.12
1" NPT
Die-cast aluminum
(150)
(98)
(214)
(257)
Dual conduit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com