Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 15 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 15 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 18Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 19Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
46-602 B40 Liquid Level Switches
B40-HF30 and B40-PF30
B40-PB60 and B40-HB60
20.88 (530)
8.18 (208)
C
L
4.15
(105)
5.56
(141)
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.00 (203)
7.19
(182)
Plug
4.15
(105)
1” Sockolet
1” Sockolet
C
B
E
A
D
20.88 (530)
8.18 (208)
C
L
3.90
(99)
5.56
(141)
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.00 (203)
7.19
(182)
Plug
3.90
(99)
1” Schedule 80 Weldolet
1” Schedule 80 Weldolet
C
B
E
A
D
NOTES:
1. Allow 8 in (203 mm) overhead clearance for cover removal.
2. Maximum ambient temperature at switch head should not
exceed +140° F (+60° C).
4.4.1 Dimensional Inches (mm) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com