Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 18Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 19Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
46-602 B40 Liquid Level Switches
4.5
Model Numbers
4.5.1 Part Number Industrial Grade Construction
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
FOR ALL MODELS EXCEPT B40-5C20

MATERIALS OF CONSTRUCTION/PRESSURE RATING (PSIG)
Switch
Description
Maximum
Ž
Process
Temperature
° F (° C)
One
Set
Point
NEMA 4X/7/9
Aluminum,
Polymer
Coated
Aluminum,
Cl
I
Div. 1
Grp B
ATEX
Ex
II
2G
EEx d
II
C T6
Series F
Snap Switch
Hermetically
Sealed
750
(399)
SPDT
FKB
FKK
FC9
DPDT
FNB
FNK
FF9
Series R
High Temp
Snap Switch
750
(399)
SPDT
RKB
RKK
RC9
Series S
Snap Switch
for AC Current
Applications
550
(288)
SPDT
SKB
SKK
SA9
DPDT
SNB
SNK
SB9
Series S
Snap Switch
for DC Current
Applications
400
(204)
SPDT
SLB
SLK
SC9
DPDT
SOB
SOK
SF9
(continued on next page)
BASIC MODEL
B40
B40 Liquid Level Switch
Code
Chamber
Material
Float
Material
Tank Connection
Min.
S.G.
Temperature (°F)
100
500
750
800
1000
1F30
Chrome-Moly 321/347 SS
1" welding nipple
0.65
2067
1777
1670
1668
651
1B60
1" socket weld
2F30
304 SS
316 SS
1" welding nipple
1857
1566
1294
1240
n/a
2B60
1" socket weld
3C30 Carbon Steel
321/347 SS
1
1/2" socket weld
1925
1820
1250
1100
215
4C40
316 SS
1
1/2" socket weld
3700
3543
3169
3129
3011
5C20 Carbon Steel
1" socket weld
2085
1820
1350
1110
165
1C50 Chrome-Moly
1" weld coupling
2533
2010
1872
1845
956



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com