Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
46-602 B40 Liquid Level Switches
4.4.1 Dimensional Inches (mm) (continued)
B40-1F30 and B40-2F30
8.00
(203)
5.56
(141)
O.D.
B40-1F30 17.88
± .19 (454 ± 5)
B40-2F30 18.63
± .19 (473 ± 5)
B40-1F30 6.68
± .19 (169 ± 5)
B40-2F30 7.06
± .19 (180 ± 5)
1" Schedule 80
beveled nipple
C
L
4.50
(114)
14.50
(368)
1" Schedule 80
beveled nipple
Rotation clearance
A
B
E
E
Plugged
C
D
7.19
(182)
0.50 (13)
Falling
level
0.50 (13)
Rising
level
B40-1B60 and B40-2B60
7.19
(182)
0.50 (13)
Falling
level
0.50 (13)
Rising
level
B40-1B60 6.68
± .19 (169 ± 5)
B40-2B60 7.06
± .19 (180 ± 5)
1" Socket weld
B40-1B60 17.88
± .19 (454 ±5)
B40-2B60 18.63
± .19 (473 ± 5)
5.56
(141)
O.D.
C
L
5.62
(143)
1" Socket weld
15.62
(396)
Rotation clearance
C
D
B
8.00
(203)
E
E
Plugged
A
NOTES:
1. Allow 8 in (203 mm) overhead clearance for cover removal.
2. Maximum ambient temperature at switch head should not
exceed +140° F (+60° C).
B40-1C50
19.63
(499)
7.07
(180)
1" Weldolet
5.37
(136)
9.75
(248)
4.88
(124)
1" Weldolet
8.50
(216)
7.19
(132)
Plugged
Rotation Clearance
6.63
(168)
C
L
Rising Level
Falling Level
0.50 (13)
0.50 (13)
A
B
C
D
E
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com