Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
19.62 (498)
7.56
(192)
11/2" Socket Weld
9.50
(241)
6.62
(168)
4.75
(121)
1 " Socket Weld
1 2
⁄
C
L
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
8.50
(215)
7.19
(182)
Plug
C
B
E
A
D
14
46-602 B40 Liquid Level Switches
4.4.1 Dimensional Inches (mm) (continued)
Outline Dimensions
Housing
AB
C
D
E
NEMA 4X
4.64
3.25
6.82
8.50
3
⁄4" NPT
Carbon steel
(117)
(82)
(173)
(215)
Single conduit
NEMA 4X/7/9
5.62
5.25
8.88
10.50
1" NPT
Cast iron
(142)
(133)
(225)
(266)
Single conduit
NEMA 4X/7/9
5.93
3.87
8.46
10.12
1" NPT
Die-cast aluminum
(150)
(98)
(214)
(257)
Dual conduit
B40-PC20
B40-PC30
B40-PC40 and B40-HC40
25.63 (651)
10.56
(268)
11/2" Socket Weld
7.62
(194)
10.12
(257)
6.63
(168)
5.06
(129)
11/2" Socket Weld
C
L
Rotation Clearance
Rising Level
0.50 (13)
Falling Level
0.50 (13)
9.50
(241)
Plug
7.19
(132)
C
B
E
A
D
19.88 (504)
7.19
(182)
1" Socket Weld
8.30
(210)
5.56
(141)
1" Socket Weld
C
L
Rotation Clearance
0.50 (13)
0.50 (13)
Rising Level
Falling Level
4.18
(106)
4.15
(105)
Plug
7.19
(132)
C
B
E
A
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com