Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 18Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 19Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
46-602 B40 Liquid Level Switches
Œ Float material based on availability. Both 321 SS and
347 SS are stabilized austenitic stainless steels.
 Consult factory for NEMA 4X/7/9 cast iron housings.
Ž Process temperature based on +100° F (+38° C) ambient.
 On steam applications, temperature down-rated to +400° F
(+204° C) process at +100° F (+38° C) ambient.
Switch
Description
Maximum
Ž
Process
Temperature
° F (° C)
One
Set
Point
NEMA 4X
NEMA 4X/7/9
Steel,
Polymer
Coated
Cast Iron,
Polymer
Coated
Cast Iron,
Cl
I
Div. 1
Grp B
Series L
Mercury Switch
1000
(538)
SPDT
LAM
LKM
LKW
DPDT
LDM
LNM
LNW
Series L
Vibration Resistant
Mercury Switch
1000
(538)
SPDT
LBM
LLM
LLW
DPDT
LEM
LOM
LOW
Series R
High Temp
Snap Switch
1000
(538)
SPDT
R5M
RWM
RWW
Switch
Description
Maximum
Ž
Process
Temperature
° F (° C)
One
Set
Point
NEMA 4X/7/9
Aluminum,
Polymer
Coated
Aluminum,
Cl
I
Div. 1
Grp B
ATEX
Ex
II
2G
EEx d
II
C T6
Series C
Snap Switch
450
(232)
SPDT
CKB
CKK
CC9
DPDT
CNB
CNK
CF9
Series D
Snap Switch
for DC Current
Applications
250
(121)
SPDT
DKB
DKK
DC9
DPDT
DNB
DNK
DF9
Series F
Snap Switch
Hermetically Sealed
750
(399)
SPDT
FKB
FKK
FC9
DPDT
FNB
FNK
FF9
Series HS 5 amp
Snap Switch
Hermetically Sealed
w/Terminal Block
550

(288)
SPDT
HM3
HM4
HA9
DPDT
HM7
HM8
HB9
Series HS 5 amp
Snap Switch
Hermetically Sealed
w/Wiring Leads
550

(288)
SPDT
HMJ
HMK
n/a
DPDT
HMS
HMT
n/a
Series R
Snap Switch
750
(399)
SPDT
RKB
RKK
RC9
Series 2
Vibration Resistant
Mercury Switch
w/Beaded Lead
750
(399)
SPDT
2KB
2KK
2C9
DPDT
2NB
2NK
2F9
Series 3
Mercury Switch
w/Beaded Leads
750
(399)
SPDT
3KB
3KK
3C9
DPDT
3NB
3NB
3F9
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
FOR MODEL B40-5C20 ONLY 
4.5.1 Part Number Industrial Grade Construction (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com