Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-1F30-FKB Datasheet(PDF) 19 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 19 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 12Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 13Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 14Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 15Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 16Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 17Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 18Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 19Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 20Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
46-602 B40 Liquid Level Switches
4.5.2 Part Number ASME B31.1 Construction (continued)
Process
NEMA 4X
NEMA 4X/7/9
Switch Description
Temperature
One Set
Steel polymer
Cast iron, Class
I
,
Cast iron, Class
I
,
Range

Point
coated
Div 1, Grps C&D
Div 1, Group B
Series L mercury switch
-20° to +1000° F
SPDT
LAM
LKM
LKW
(-29° to +538° C)
DPDT
LDM
LNM
LNW
Series L vibration resistant
-20° to +1000° F
SPDT
LBM
LLM
LLW
mercury switch
(-29° to +538° C)
DPDT
LEM
LOM
LOW
Series R high temperature
-40° to +1000° F
SPDT
R5M
RWM
RWW
snap switch
(-40° to +538° C)
ELECTRIC SWITCH MECHANISM AND ENCLOSURE FOR MODEL B40-PXXX ONLY
Process
NEMA 4X/7/9 Aluminum Enclosure
Switch Description
Temperature
One Set
Class
I
, Div. 1
Class
I
, Div. 1
Range

Point
Groups C & D
Group B
ATEX
Series C Snap Switch
-40° to +450° F
SPDT
CKB
CKK
CC9
(-40° to +232° C)
DPDT
CNB
CNK
CF9
Series D Snap Switch for
-40° to +250° F
SPDT
DKB
DKK
DC9
DC Current Applications
(-40° to +121° C)
DPDT
DNB
DNK
DF9
Series F Snap Switch
-50° to +750° F
SPDT
FKB
FKK
FC9
Hermetically Sealed
(-46° to +399° C)
DPDT
FNB
FNK
FF9
Series HS 5 amp Snap Switch
-50° to +550° F
SPDT
HM3
HM4
HA9
Hermetically Sealed w/Terminal Block
(-46° to +288° C)
DPDT
HM7
HM8
HB9
Series HS 5 amp Snap Switch
-50° to +550° F
SPDT
HMJ
HMK
—
Hermetically Sealed w/Wiring Leads
(-46° to +288° C)
DPDT
HMS
HMT
—
Series R snap switch
-40° to +750° F
SPDT
RKB
RKK
RC9
(-40° to +399° C)
Series S Snap Switch for
-40° to +550° F
SPDT
SKB
SKK
SA9
AC Current Applications
(-40° to +288° C)
DPDT
SNB
SNK
SB9
Series S Snap Switch for
-40° to +250° F
SPDT
SLB
SLK
SC9
DC Current Applications
(-40° to +121° C)
DPDT
SOB
SOK
SF9
Series 2 Vibration Resistant
-20° to +750° F
SPDT
2KB
2KK
2C9
Mercury Switch w/Beaded Leads
(-29° to +399° C)
DPDT
2NB
2NK
2F9
Series 3 Mercury Switch
-20° to +750° F
SPDT
3KB
3KK
3C9
w/Beaded Leads
(-29° to +399° C)
DPDT
3NB
3NK
3F9
B4
0
HX
X
X
|
|
ELECTRIC SWITCH MECHANISM AND ENCLOSURE FOR MODEL B40-HXXX ONLY
B4
0
PX
X
X
yz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com