Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  T3B Datasheet HTML 1Page - Magnetrol International, Inc. T3B Datasheet HTML 2Page - Magnetrol International, Inc. T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(2) 1" NPT
2" NPT
1.31
(33)
1.31
(33)
6.40
(163)
11.25
± .12
(286
± 3)
4.50
(114)
Dia.
8.23*
(209)
4.39
(112)
3.35
(85)
E
D
B
F
G
4
Tuffy Chamber
Adjustable Differential Unit (T3C)
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( M M )
* This dimension applies to cast iron housing.
Subtract 0.31" for aluminum housing.
Tuffy
II Maximum Nozzle Lengths
(distance from face of mounting flange
to end of 3" sch 80 nozzle or the tip of
the mounting threads to the end of 2"
nozzle with ID same as 2" NPT)
T31 or T35
with NPT connection
3.29"
T31, T32, T33, T34 or T35
with flanged connection
3.35"
T3B
5.80"
T3C
4.35"
Figure 1
Maximum nozzle length
Stem
Pin Position
Length
AB
C
D
E
FG
H
J
K
L
3.75
+0.16 +1.84 +3.54 +4.87
-1.47
n/a
n/a
-1.65
n/a
+1.52 +4.10
Rising
7.50
-0.12 +2.49 +5.14 +7.20 -2.65
n/a
n/a
-2.94
n/a
+1.99 +6.01
12.25
-0.43 +3.36 +7.20 +10.20 -4.12
n/a
n/a
-4.54
n/a
+2.62 +8.46
3.75
+1.51 +3.14
n/a
n/a
-0.39 -1.87 -3.21 0.16 -2.44 +3.32
n/a
Falling
7.50
+1.98 +4.51
n/a
n/a
-0.99 -3.29 -5.37 -0.12 -4.16 +4.80
n/a
12.25
+2.61 +6.28
n/a
n/a
-1.69 -5.04 -8.06 -0.44 -6.31 +6.71
n/a
Adjustment Plate Stop Position
Stop Position Actuation Levels
(Inches (± 0.25) at minimum S.G.)
D
C
B
A
E
J
F
G
K
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com