Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  T3B Datasheet HTML 1Page - Magnetrol International, Inc. T3B Datasheet HTML 2Page - Magnetrol International, Inc. T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FM
T3X-XXXX-XXA
Explosion Proof
Class
I, Div 1; Groups B, C, D
T3X-XXXX-XXB
Class
II, Div 1; Groups E, F, G
Class
III, NEMA 4X IP66
CSA
T3X-XXXX-XXC
Explosion Proof
Class
I, Div1; Groups B, C, D
T3X-XXXX-XXD
Class
II, Div 1; Groups E, F, G
Class
III, Div 1; Type 4X
ATEX
T3X-XXXX-XX1
Flame Proof
Œ
ATEX
II 1⁄2 G EEx d II C T6
T3X-XXXX-XX2
94/9/EC
T3X-XXXX-XX3
IP66
T3X-XXXX-XX4
T3X-XXXX-XXM
Intrinsically Safe

ATEX
II 1G EEx ia II C T6
T3X-XXXX-XXN
IP66
T3X-XXXX-XXP
T3X-XXXX-XXR
CE
T3X-XXXX-XXX
Low Voltage Directives
Installation Category
II
2006/95/EC
Pollution Degree 2
Per Horizontal Standard:
EN 61010-1/1993 & Amendment No. 1
5
M O D E L
N U M B E R S
B A S I C
M O D E L
F L O W
C H A R T
Narrow
Differential
Interface
Single Liquid
Hastelloy C
Wetted Parts
Carbon Steel
and/or 316 SS
Wetted Parts
NPT Conn
0.4 min SG
720 psi
0.6 min. SG
1500 psi
Flange Conn
300# ANSI
0.4 min. SG
600# ANSI
0.6 min. SG
900# ANSI
0.6 min. SG
T3B
T33
T31
T35
T31
T35
T32
T34
0.7 min. SG
Up to 2625 psi
A G E N C Y
A P P R O V A L S
AGENCY
APPROVED MODEL
PROTECTION METHOD
AREA CLASSIFICATION
Narrow Differential:
Switch differential of approximately 0.5" (1.7" on interface unit), for actuation of an alarm or system shutdown.
I
nterface Service:
Switch to detect the interface between two liquids with SGUs that differ by at least 0.1.
Single Liquid:
Switch to detect the top of layer of a single liquid with no other liquid above it.
Adjustable Differential:
Wide switch differential from approximately 1.36" to 18.26", which may be adjusted in the field by
repositioning pins on the adjustment plate.
Wide
Differential
T3C
Special conditions for safe use:
Œ
When the equipment is installed, particular precautions must be take to ensure, taking into account the effect of the process tempera-
ture, that the ambient temperature of the electrical parts is between -40° and +70° C.

When the material is equipped with a aluminum enclosure, all precautions shall be taken to avoid all impacts or frictions which can
result in the ignition of the potentially explosive atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com