Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. T3B Datasheet HTML 10Page - Magnetrol International, Inc. T3B Datasheet HTML 11Page - Magnetrol International, Inc. T3B Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
I N T E R F A C E
M O D E L
N U M B E R
Process Connection:
ANSI Flanges
Wetted Materials:
Carbon Steel and/or 316/316L SS
Max. Float Pressure:
750 psi (52 bar)
Œ
Min. SG of Lower Liquid: 0.81
Min SG difference:
0.1
Level Differential:
1.72"
B
Interface Level
T3
B
0
FUNCTION/FLOAT
3
ANSI 3"
4
ANSI 4"
5
ANSI 5"
6
ANSI 6"
PROCESS CONNECTION SIZE
0.81
0.82
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
Specific Gravity
AB
C
D
E
F
GH
J
K
Code
0.91
0.92
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
Specific Gravity
LM
N
P
R
S
TU
V
W
Code
LOWER FLUID SPECIFIC GRAVITY
A
ANSI RF Flange, 150#
B
ANSI RF Flange, 300#
PROCESS CONNECTION TYPE
Œ
T 3
Tuffy II Electric Liquid Level Switch
PROCESS CONNECTION MATERIAL/DESIGN CODE
SWITCH TYPE
HOUSING MATERIAL/APPROVAL
See opposite page
BASIC MODEL NUMBER
Œ Rated pressure limited by maximum Float or Flange pressure, whichever is less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com