Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. T3B Datasheet HTML 10Page - Magnetrol International, Inc. T3B Datasheet HTML 11Page - Magnetrol International, Inc. T3B Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
SWITCH TYPE
ASME B31.3
Standard
ASME B31.3
NACE
& NACE
Process Connection Material
12
Not
Not
Carbon Steel Flange and cladding with
applicable
applicable
316/316L SS float holder & trim
A
EJ
N
Carbon Steel Flange with
316/316L SS process wetted face
BF
K
P
All 316/316L Stainless Steel
PROCESS CONNECTION MATERIAL/DESIGN CODE
I N T E R F A C E c o n t i n u e d
M O D E L
N U M B E R
Œ Maximum process temperature is based on an ambient temperature between
0° and +100° F. If ambient is outside this range, consult factory.
 See Switch temperature ranges on page 2 for minimum process temperatures
HOUSING MATERIAL/APPROVAL
FM
CSA
ATEX EP ATEX IS
AC
1
M
Cast Aluminum,
3⁄4" NPT Conduit Entry
BD
2
N
Cast Iron,
3⁄4" NPT Conduit Entry
3P
Cast Aluminum, M20 X 1.5 Conduit Entry
4R
Cast Iron, M20 X 1.5 Conduit Entry
N/A
Electric Switch Rating
Maximum Process
VAC
VDC
Temperature
Œ
Cast Iron
Cast Alum
Code
Contact Type & Material
120
240
24
120
Housing
Housing
0
SPDT w/silver contacts
10.0
10.0
6.0
0.6
+750° F (+399° C)
+650° F (+343° C)
1
DPDT (dual SPDT) w/silver contacts
10.0
10.0
6.0
0.6
+750° F (+399° C)
+650° F (+343° C)
2
SPDT w/gold plated contacts
0.1
—
0.1
—
+375° F (+190° C)
+325° F (+162° C)
3
DPDT (dual SPDT) w/gold plated contacts
0.1
—
0.1
—
+375° F (+190° C)
+325° F (+162° C)
4
HS SPDT w/silver contacts
1.0
1.0
3.0
0.5
+750° F (+399° C)
+650° F (+343° C)
6
HS SPDT w/gold plated contacts
0.5
0.5
0.5
0.5
+750° F (+399° C)
+650° F (+343° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com