Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  T3B Datasheet HTML 1Page - Magnetrol International, Inc. T3B Datasheet HTML 2Page - Magnetrol International, Inc. T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Measured Variable:
Liquid level
Deadband:
Narrow differential = 0.50"
Wide differential = up to 18.26"
Interface service differential 1.72"
Float & Trim Parts:
316 stainless steel or Hastelloy C
Flange Materials:
Carbon steel, 316 stainless steel, 316 stainless steel clad carbon steel
Hastelloy C, or Hastelloy C clad carbon steel
Process Connections:
2" NPT, 3" to 6" ANSI flanges in 150# to 900# pressure classes
Process Temp Range*:
Cast Iron Housing
Cast Aluminum Housing
HS with silver contacts
-65° to +750° F (-54° to +399° C)
-65° to +650° F (-54° to +343° C)
HS with gold contacts
-65° to +750° F (-54° to +399° C)
-65° to +650° F (-54° to +343° C)
Snap with silver contacts
-40° to +750° F (-40° to +399° C)
-40° to +650° F (-40° to +343° C)
Snap with gold contacts
-40° to +375° F (-40° to +190° C)
-40° to +325° F (-40° to +162° C)
Ambient Temp. Range*
0° to +100° F (-18° to +38° C)
Maximum Process Pressure:
2630 psig (181 bar)
Signal Output:
Switch closure
Type of Contacts:
SPDT or DPDT
Contact Material:
Silver or gold
Type of Switches:
Dry contact or Hermetically sealed
Switch Ratings:
Up to 10 amps @ 120/240 VAC
Up to 6 amps @ 24 VDC
Enclosure Rating:
NEMA 4X/7/9, Class
I, Div 1, Groups B, C & D, IP66
Enclosure Material:
Cast aluminum or cast iron
Cable Entry:
3
4" NPT
P H Y S I C A L
S P E C I F I C A T I O N S
E L E C T R I C A L
S P E C I F I C A T I O N S
2
• Carbon steel with 316 SS, all 316 SS or all
Hastelloy C wetted components
• Enlarged switch enclosure for wiring ease
• Explosion proof NEMA 4X/7/9 enclosure
• All models available with FM, CSA and
ATEX approvals
• Choice of cast aluminum or cast iron switch enclosure
• Interface service with 0.10 minimum specific
gravity difference
• External cages available in carbon steel and
316 stainless steel
• Fixed narrow differential models
• Adjustable wide differential models
• Wide selection of process connections:
2" NPT
3" to 6" ANSI flanges
ANSI flanges pressure classes from 150# to 900#
• Wide selection of switches:
SPDT or DPDT
Silver or gold contacts
Dry contact
Hermetically sealed
A D D I T I O N A L
F E A T U R E S
* For ambient temperatures outside of the listed range, consult factory or
bulletin 44-607 for maximum allowable process temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com