Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button T3B Datasheet HTML 2Page - Magnetrol International, Inc. T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. T3B Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
T3
00
FUNCTION/FLOAT
BASIC MODEL NUMBER
Compatible Model Codes
Process
Process Connection
Function/Float
Connection
Material/Design
Code
Size
Codes
Type Codes
Codes
2
2"
1, 5
N
B, F, K, P
3
ANSI 3"
1, 2, 3, 5
A, B, C, D
All
4
ANSI 4"
1, 2, 3, 4, 5
A, B, C, D, E
All
5
ANSI 5"
1, 2, 3, 5
A, B
All
6
ANSI 6"
1, 2, 3, 5
A, B
All
PROCESS CONNECTION SIZE
Compatible Model Codes
Function/
Process
Process Connection
Float
Connection
Material/Design
Code
Type
Codes
Size Codes
Codes
N
NPT
1, 5
2
B, F, K, P
A
ANSI RF Flange, 150#
1, 2, 3, 5
3, 4, 5, 6
All
B
ANSI RF Flange, 300#
1, 2, 3, 5
3, 4, 5, 6
All
C
ANSI RF Flange, 600#
2, 5
3, 4
A,B, E,F,J,K,N,P,1,2
D
ANSI RF Flange, 900#
2
3, 4
A,B, E,F,J,K,N,P,1,2
E
ANSI RF Flange, 1500#
4
4
A, B, E, F, J, K, N, P, 1, 2
PROCESS CONNECTION TYPE
Œ
S T A N D A R D
N A R R O W
D I F F E R E N T I A L
M O D E L
N U M B E R
T 3
Tuffy II Electric Liquid Level Switch
PROCESS CONNECTION MATERIAL/DESIGN CODE
SWITCH TYPE
HOUSING MATERIAL/APPROVAL
See opposite page
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP).
Œ Rated pressure limited by maximum Float or Flange pressure,
whichever is less.
Code
Level
Differential
SGU
Min
Œ
Max.
Pressure
psig (bar)
Compatible Model Codes
Process
Connection
Size Codes
Process
Connection
Type Codes
Process Connection
Material/Design
Codes
1
Narrow
(0.5")
0.40
750 (52)
All
N, A, B
A,B,E,F,J,K,N,P,1,2
2
0.60
2220 (153)
3, 4, 5, 6
A, B, C, D
A,B,E,F,J,K,N,P,1,2
3
0.65
750 (52)
3, 4, 5, 6
A, B
C,D,G,H,L,M,R,T
4
0.70
2630 (181)
4E
A,B,E,F,J,K,N,P,1,2
5
0.60
1500 (103)
All
N, A, B, C
A,B,E,F,J,K,N,P,1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com